Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD4A60S Datasheet (PDF) - Apollo Electron Co., Ltd.

TD4A60S Datasheet PDF - Apollo Electron Co., Ltd.
Part # TD4A60S
Download  TD4A60S Download

File Size   1388.4 Kbytes
Page   5 Pages
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.
Description Sensitive Gate Triac

TD4A60S Datasheet (PDF)

Go To PDF Page Download Datasheet
TD4A60S Datasheet PDF - Apollo Electron Co., Ltd.

Part # TD4A60S
Download  TD4A60S Click to download

File Size   1388.4 Kbytes
Page   5 Pages
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.
Description Sensitive Gate Triac

TD4A60S Datasheet (HTML) - Apollo Electron Co., Ltd.

TD4A60S Datasheet HTML 1Page - Apollo Electron Co., Ltd. TD4A60S Datasheet HTML 2Page - Apollo Electron Co., Ltd. TD4A60S Datasheet HTML 3Page - Apollo Electron Co., Ltd. TD4A60S Datasheet HTML 4Page - Apollo Electron Co., Ltd. TD4A60S Datasheet HTML 5Page - Apollo Electron Co., Ltd.



Similar Part No. - TD4A60S

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
TD4A HONEYWELL-TD4A Datasheet
112Kb / 3P
   GENERALINFORMATION
More results


Similar Description - TD4A60S

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TP4A60S APOLLOELECTRON-TP4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
New Jersey Semi-Conduct...
T2322B NJSEMI-T2322B Datasheet
103Kb / 2P
   Sensitive Gate Triac
logo
Unisonic Technologies
BTA04 UTC-BTA04_15 Datasheet
189Kb / 5P
   SENSITIVE GATE TRIAC
logo
Apollo Electron Co., Lt...
TR4A60S APOLLOELECTRON-TR4A60S Datasheet
4Mb / 6P
   Sensitive Gate Triac
logo
Shenzhen Winsemi Microe...
STU4A60S WINSEMI-STU4A60S Datasheet
483Kb / 5P
   Sensitive Gate Triac
WTD4A60S WINSEMI-WTD4A60S Datasheet
445Kb / 5P
   Sensitive Gate Triac
logo
NTE Electronics
NTE56045 NTE-NTE56045 Datasheet
21Kb / 2P
   TRIAC, 16A, Sensitive Gate
NTE56039 NTE-NTE56039 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE5655 NTE-NTE5655 Datasheet
19Kb / 2P
   TRIAC - 800mA Sensitive Gate
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com