Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24C16B-G Datasheet (PDF) - Cypress Semiconductor

FM24C16B-G Datasheet PDF - Cypress Semiconductor
Part # FM24C16B-G
Download  FM24C16B-G Download

File Size   376.28 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 16Kb Serial 5V F-RAM Memory

FM24C16B-G Datasheet (PDF)

Go To PDF Page Download Datasheet
FM24C16B-G Datasheet PDF - Cypress Semiconductor

Part # FM24C16B-G
Download  FM24C16B-G Click to download

File Size   376.28 Kbytes
Page   12 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 16Kb Serial 5V F-RAM Memory

FM24C16B-G Datasheet (HTML) - Cypress Semiconductor

Back Button FM24C16B-G Datasheet HTML 1Page - Cypress Semiconductor FM24C16B-G Datasheet HTML 2Page - Cypress Semiconductor FM24C16B-G Datasheet HTML 3Page - Cypress Semiconductor FM24C16B-G Datasheet HTML 4Page - Cypress Semiconductor FM24C16B-G Datasheet HTML 5Page - Cypress Semiconductor FM24C16B-G Datasheet HTML 6Page - Cypress Semiconductor FM24C16B-G Datasheet HTML 7Page - Cypress Semiconductor FM24C16B-G Datasheet HTML 8Page - Cypress Semiconductor FM24C16B-G Datasheet HTML 9Page - Cypress Semiconductor FM24C16B-G Datasheet HTML 10Page - Cypress Semiconductor Next Button 

FM24C16B-G Product details

Functional Description

The FM24C16B is a 16-Kbit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or F-RAM is nonvolatile and performs reads and writes similar to a RAM. It provides reliable data retention for 151 years while eliminating the complexities, overhead, and system-level reliability problems caused by EEPROM and other nonvolatile memories.



Features

■16-Kbit ferroelectric random access memory (F-RAM) logically organized as 2 K × 8

❐High-endurance 100 trillion (1014) read/writes

❐151-year data retention (See the Data Retention and Endurancetable)

❐NoDelay™ writes

❐Advanced high-reliability ferroelectric process

■Fast 2-wire Serial interface (I2C)

❐Up to 1-MHz frequency

❐Direct hardware replacement for serial (I2C) EEPROM

❐Supports legacy timings for 100 kHz and 400 kHz

■Low power consumption

❐100 A active current at 100 kHz

❐4 A (typ) standby current

■Voltage operation: VDD= 4.5 V to 5.5 V

■Industrial temperature: –40 C to +85 C

■8-pin small outline integrated circuit (SOIC) package

■Restriction of hazardous substances (RoHS) compliant




Similar Part No. - FM24C16B-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24C16B-G RAMTRON-FM24C16B-G Datasheet
225Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B-GTR RAMTRON-FM24C16B-GTR Datasheet
225Kb / 12P
   16Kb Serial 5V F-RAM Memory
More results


Similar Description - FM24C16B-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM24C16B RAMTRON-FM24C16B Datasheet
225Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com