Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1G6003028-FS Datasheet (PDF) - TriQuint Semiconductor

T1G6003028-FS Datasheet PDF - TriQuint Semiconductor
Part # T1G6003028-FS
Download  T1G6003028-FS Download

File Size   1305.27 Kbytes
Page   13 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 30W, 28V, DC ??6 GHz, GaN RF Power Transistor

T1G6003028-FS Datasheet (PDF)

Go To PDF Page Download Datasheet
T1G6003028-FS Datasheet PDF - TriQuint Semiconductor

Part # T1G6003028-FS
Download  T1G6003028-FS Click to download

File Size   1305.27 Kbytes
Page   13 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 30W, 28V, DC ??6 GHz, GaN RF Power Transistor

T1G6003028-FS Datasheet (HTML) - TriQuint Semiconductor

Back Button T1G6003028-FS Datasheet HTML 1Page - TriQuint Semiconductor T1G6003028-FS Datasheet HTML 2Page - TriQuint Semiconductor T1G6003028-FS Datasheet HTML 3Page - TriQuint Semiconductor T1G6003028-FS Datasheet HTML 4Page - TriQuint Semiconductor T1G6003028-FS Datasheet HTML 5Page - TriQuint Semiconductor T1G6003028-FS Datasheet HTML 6Page - TriQuint Semiconductor T1G6003028-FS Datasheet HTML 7Page - TriQuint Semiconductor T1G6003028-FS Datasheet HTML 8Page - TriQuint Semiconductor T1G6003028-FS Datasheet HTML 9Page - TriQuint Semiconductor T1G6003028-FS Datasheet HTML 10Page - TriQuint Semiconductor Next Button 

T1G6003028-FS Product details

General Description
The TriQuint T1G6003028-FS is a 30 W (P3dB) discrete GaN on SiC HEMT which operates from DC to 6 GHz. The device is constructed with TriQuint’s proven 0.25 µm process, which features advanced field plate techniques to optimize power and efficiency at high drain bias operating conditions. This optimization can potentially lower system costs in terms of fewer amplifier line-ups and lower thermal management costs.

Product Features
• Frequency: DC to 6 GHz
• Output Power (P3dB): 30 W at 6 GHz
• Linear Gain: >14 dB at 6 GHz
• Operating Voltage: 28 V
• Low thermal resistance package

Applications
• Military radar
• Civilian radar
• Professional and military radio communications
• Test instrumentation
• Wideband or narrowband amplifiers
• Jammers




Similar Part No. - T1G6003028-FS

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T1G6003028-FS-EVB1 TRIQUINT-T1G6003028-FS-EVB1 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T1G6003028-FS-EVB1 TRIQUINT-T1G6003028-FS-EVB1 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T1G6003028-FS TRIQUINT-T1G6003028-FS_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
More results


Similar Description - T1G6003028-FS

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T2G6003028-FS TRIQUINT-T2G6003028-FS_15 Datasheet
778Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6003028-FS QORVO-T2G6003028-FS Datasheet
2Mb / 21P
   30W, 28V DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6003028-FL TRIQUINT-T1G6003028-FL_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T2G6003028-FL TRIQUINT-T2G6003028-FL_15 Datasheet
1,017Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T2G6001528-SG TRIQUINT-T2G6001528-SG Datasheet
6Mb / 18P
   15W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3_15 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6000528-Q3 TRIQUINT-T2G6000528-Q3_15 Datasheet
985Kb / 13P
   10W, 28V DC 6 GHz, GaN RF Power Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com