Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1B21 Datasheet (PDF) - Analog Devices

1B21 Datasheet PDF - Analog Devices
Part # 1B21
Download  1B21 Download

File Size   229.07 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Loop-Powered Voltage-to-Current Converter

1B21 Datasheet (PDF)

Go To PDF Page Download Datasheet
1B21 Datasheet PDF - Analog Devices

Part # 1B21
Download  1B21 Click to download

File Size   229.07 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Loop-Powered Voltage-to-Current Converter

1B21 Datasheet (HTML) - Analog Devices

1B21 Datasheet HTML 1Page - Analog Devices 1B21 Datasheet HTML 2Page - Analog Devices 1B21 Datasheet HTML 3Page - Analog Devices 1B21 Datasheet HTML 4Page - Analog Devices

1B21 Product details

GENERAL DESCRIPTION
The 1B21 is an isolated voltage-to-current converter that incorporates a unique circuit design utilizing transformer-based isolation and automated surface-mount manufacturing technology. It provides an unbeatable combination of versatility and performance in a compact plastic package. Designed for industrial applications, it is especially suited for harsh environments with extremely high common-mode interference.

FEATURES
    Wide input range: 0 V to 1 V up to 0 V to 10 V
    High CMV isolation: 1500 V rms
    Programmable output ranges: 4mA to 20mA
        0 to 20 mA
    Load resistance range: 0 to 1.35 kΩ maximum
    High accuracy
        Low offset tempco: ±300 nA/°C
        Low gain tempco: ±50 ppm/°C
        Low nonlinearity: ±0.02%
        High CMR: 90 dB minimum
    Small package: 0.7” × 2.1” × 0.35”
    Meets IEEE Standard 472: transient protection (SWC)

APPLICATIONS
    Multichannel process control
    DAC—current loop interface
    Analog transmitters and controllers
    Remote data acquisition systems




Similar Part No. - 1B21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
1B21 AD-1B21 Datasheet
147Kb / 8P
   Isolated, Loop-Powered Voltage-to-Current Converter
Rev. C
1B21AN AD-1B21AN Datasheet
147Kb / 8P
   Isolated, Loop-Powered Voltage-to-Current Converter
Rev. C
1B21 AD-1B21_15 Datasheet
147Kb / 8P
   Isolated, Loop-Powered Voltage-to-Current Converter
REV. C
1B21 AD-1B21_V01 Datasheet
147Kb / 8P
   Isolated, Loop-Powered Voltage-to-Current Converter
Rev. C
More results


Similar Description - 1B21

ManufacturerPart #DatasheetDescription
logo
Analog Devices
1B21 AD-1B21_15 Datasheet
147Kb / 8P
   Isolated, Loop-Powered Voltage-to-Current Converter
REV. C
1B21 AD-1B21_V01 Datasheet
147Kb / 8P
   Isolated, Loop-Powered Voltage-to-Current Converter
Rev. C
logo
Weidmuller
2517450000 WEIDMULLER-2517450000 Datasheet
533Kb / 4P
   Signal converter/insulator, Output current loop powered
February 18, 2021
logo
Advantech Co., Ltd.
232CLDR ADVANTECH-232CLDR Datasheet
480Kb / 2P
   UL Rated, Isolated Current Loop Converter
logo
Analog Devices
1B22 AD-1B22_15 Datasheet
230Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
1B22 AD-1B22 Datasheet
232Kb / 4P
   Programmable, Isolated Voltage-to-Current Converter
REV. B
logo
List of Unclassifed Man...
2B22 ETC1-2B22 Datasheet
32Kb / 1P
   High Performance, Isolated Voltage-to-Current Converter
2B23 ETC1-2B23 Datasheet
29Kb / 1P
   Programmable Output, Isolated Voltage-to-Current Converter
logo
Analog Devices
2B22 AD-2B22_15 Datasheet
1Mb / 4P
   HIGH PERGORMANCE ISOLATED VOLTAGE TO CURRENT CONVERTER
logo
Intronics Power, Inc.
2B22 INTRONICS-2B22 Datasheet
984Kb / 4P
   High performance, Isolated Voltage-to-current Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com