Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1385 Datasheet (PDF) - Analog Devices

AD1385 Datasheet PDF - Analog Devices
Part # AD1385
Download  AD1385 Download

File Size   348.89 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit 500 kHz Wide Temperature Range Sampling ADC

AD1385 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1385 Datasheet PDF - Analog Devices

Part # AD1385
Download  AD1385 Click to download

File Size   348.89 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit 500 kHz Wide Temperature Range Sampling ADC

AD1385 Datasheet (HTML) - Analog Devices

Back Button AD1385 Datasheet HTML 1Page - Analog Devices AD1385 Datasheet HTML 2Page - Analog Devices AD1385 Datasheet HTML 3Page - Analog Devices AD1385 Datasheet HTML 4Page - Analog Devices AD1385 Datasheet HTML 5Page - Analog Devices AD1385 Datasheet HTML 6Page - Analog Devices AD1385 Datasheet HTML 7Page - Analog Devices AD1385 Datasheet HTML 8Page - Analog Devices AD1385 Datasheet HTML 9Page - Analog Devices AD1385 Datasheet HTML 10Page - Analog Devices Next Button 

AD1385 Product details

PRODUCT DESCRIPTION
The AD1385 is a complete 500 kHz, 16-bit, sampling analog-to-digital converter contained in a single package. Its differential linearity autocalibration feature allows this high resolution, high speed converter to offer outstanding noise and distortion performance, as well as excellent INL and DNL specifications, over the full military temperature range. Autocalibration effectively eliminates DNL drift over temperature.
   
FEATURES
    16-Bit Resolution
    500 kHz Sampling Rate
    Differential Linearity Autocalibration
    Specified over –55°C to +125°C Range
    SNR 90 dB @ 100 kHz (min)
    THD –88 dB @ 100 kHz (min)
    0.0006% FSR DNL (typ)
    0.0015% FSR INL (typ)
    No Missing Codes
    ±5, ±10 V Bipolar Input Ranges
    Zero Offset Autocalibration
   
APPLICATIONS
    Medical Imaging
        CAT
        Magnetic Resonance
    Radar
    Vibration Analysis
    Parametric Measurement Unit (ATE)
    Digital Storage Oscilloscopes
    Waveform Recorders
    Analytical Instruments
   




Similar Part No. - AD1385

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1380 AD-AD1380 Datasheet
240Kb / 8P
   Low Cost 16-Bit Sampling ADC
REV. B
AD1380JD AD-AD1380JD Datasheet
240Kb / 8P
   Low Cost 16-Bit Sampling ADC
REV. B
AD1380KD AD-AD1380KD Datasheet
240Kb / 8P
   Low Cost 16-Bit Sampling ADC
REV. B
AD1380 AD-AD1380_15 Datasheet
248Kb / 12P
   Low Cost 16-Bit Sampling ADC
REV. D
AD1382 AD-AD1382 Datasheet
1Mb / 16P
   16-Bit 500 kHz Sampling ADC
REV. A
More results


Similar Description - AD1385

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1392 AD-AD1392 Datasheet
1Mb / 16P
   16-Bit 500 kHz Sampling ADC
REV. A
logo
Linear Technology
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605 Datasheet
490Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS_15 Datasheet
143Kb / 18P
   96 kHz sampling 24-bit stereo audio ADC
2002 Nov 25
logo
Analog Devices
AD7654 AD-AD7654_15 Datasheet
520Kb / 27P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. C
AD7654 AD-AD7654_17 Datasheet
473Kb / 28P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
AD7654ASTZ AD-AD7654ASTZ Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR짰 Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com