Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1852 Datasheet (PDF) - Analog Devices

AD1852 Datasheet PDF - Analog Devices
Part # AD1852
Download  AD1852 Download

File Size   234.92 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo, 24-Bit, 192 kHz Multibit DAC

AD1852 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1852 Datasheet PDF - Analog Devices

Part # AD1852
Download  AD1852 Click to download

File Size   234.92 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo, 24-Bit, 192 kHz Multibit DAC

AD1852 Datasheet (HTML) - Analog Devices

Back Button AD1852 Datasheet HTML 1Page - Analog Devices AD1852 Datasheet HTML 2Page - Analog Devices AD1852 Datasheet HTML 3Page - Analog Devices AD1852 Datasheet HTML 4Page - Analog Devices AD1852 Datasheet HTML 5Page - Analog Devices AD1852 Datasheet HTML 6Page - Analog Devices AD1852 Datasheet HTML 7Page - Analog Devices AD1852 Datasheet HTML 8Page - Analog Devices AD1852 Datasheet HTML 9Page - Analog Devices AD1852 Datasheet HTML 10Page - Analog Devices Next Button 

AD1852 Product details

GENERAL DESCRIPTION

The AD1852 is a complete, high performance, single-chip, stereo digital, audio playback system. It is comprised of a multibit, Σ-Δ modulator, digital interpolation filters, and analog output drive circuitry. Other features include an on-chip, stereo attenuator and mute, programmed through an SPI-compatible serial control port. The AD1852 is fully compatible with all known DVD formats, including 192 kHz, as well as 96 kHz sample frequencies and 24 bits. It is also backwards compatible by supporting 50 μs/15 μs digital de-emphasis intended for Red Book compact discs, as well as de-emphasis at 32 kHz and 48 kHz sample rate.



FEATURES

  5 V stereo audio DAC system

  Accepts 16-bit/18-bit/20-bit/24-bit data

  Supports 24 bits, 192 kHz sample rate

  Accepts a wide range of sample rates including 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, and 192 kHz

  Multibit Σ-Δ modulator with perfect differential linearity restoration for reduced idle tones and noise floor

  Data-directed scrambling DAC—least sensitive to jitter

  Differential output for optimum performance

  117 dB signal-to-noise (not muted) at 48 kHz sample rate (A-weighted mono)

  114 dB signal-to-noise (not muted) at 48 kHz sample rate (A-weighted stereo)

  117 dB dynamic range (not muted) at 48 kHz sample rate (A-weighted mono)

  114 dB dynamic range (not muted) at 48 kHz sample rate (A-weighted stereo)

  −105 dB THD+N (mono application circuit)

  −102 dB THD+N (stereo)

  115 dB stop-band attenuation

  On-chip clickless volume control

  Hardware and software controllable clickless mute

  Serial (SPI) control for: serial mode, number of bits, sample rate, volume, mute, de-emp

  Digital de-emphasis processing for 32 kHz, 44.1 kHz, 48 kHz sample rates

  Clock autodivide circuit supports five master-clock frequencies

  Flexible serial data port with right-justified, left-justified, I2S-compatible and DSP serial port modes

  28-Lead SSOP plastic package

 

APPLICATIONS

  High end

    DVDs, CDs, home theater systems, automotive, audio systems, sampling musical keyboards, digital mixing consoles, and digital audio effects processors



 




Similar Part No. - AD1852

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1852JRSZ AD-AD1852JRSZ Datasheet
515Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
515Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852 AD-AD1852_15 Datasheet
501Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
More results


Similar Description - AD1852

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852_15 Datasheet
501Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
515Kb / 20P
   Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1833A AD-AD1833A Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com