Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1855 Datasheet (PDF) - Analog Devices

AD1855 Datasheet PDF - Analog Devices
Part # AD1855
Download  AD1855 Download

File Size   233.36 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo, 96 kHz, Multibit DAC

AD1855 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1855 Datasheet PDF - Analog Devices

Part # AD1855
Download  AD1855 Click to download

File Size   233.36 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo, 96 kHz, Multibit DAC

AD1855 Datasheet (HTML) - Analog Devices

Back Button AD1855 Datasheet HTML 1Page - Analog Devices AD1855 Datasheet HTML 2Page - Analog Devices AD1855 Datasheet HTML 3Page - Analog Devices AD1855 Datasheet HTML 4Page - Analog Devices AD1855 Datasheet HTML 5Page - Analog Devices AD1855 Datasheet HTML 6Page - Analog Devices AD1855 Datasheet HTML 7Page - Analog Devices AD1855 Datasheet HTML 8Page - Analog Devices AD1855 Datasheet HTML 9Page - Analog Devices AD1855 Datasheet HTML 10Page - Analog Devices Next Button 

AD1855 Product details

PRODUCT OVERVIEW
The AD1855 is a high performance, single-chip stereo, audio DAC delivering 113 dB Dynamic Range and SNR (A-weighted—not muted) at 48 kHz sample rate. It is comprised of a multibit sigma-delta modulator with dither, continuous time analog filters and analog output drive circuitry.

FEATURES
    5 V Stereo Audio DAC System
    Accepts 16-/18-/20-/24-Bit Data
    Supports 24 Bits and 96 kHz Sample Rate
    Multibit Sigma-Delta Modulator with “Perfect Differential Linearity Restoration” for Reduced Idle Tones and Noise Floor
    Data Directed Scrambling DAC—Least Sensitive to Jitter
    Differential Output for Optimum Performance
    113 dB Signal-to-Noise and Dynamic Range at 48 kHz Sample Rate
    110 dB Signal-to-Noise and Dynamic Range at 96 kHz Sample Rate
    –97 dB THD+N
    On-Chip Volume Control with 1024 Steps
    Hardware and Software Controllable Clickless Mute
    Zero Input Flag Outputs for Left and Right Channels
    Digital De-Emphasis Processing
    Supports 128, 256, 384, and 512 3 FS Master Mode Clock
    Switchable Clock Doubler
    Power-Down Mode Plus Soft Power-Down Mode
    Flexible Serial Data Port with Right-Justified, LeftJustified, I2S-Compatible and DSP Serial Port Modes
    28-Lead SSOP Plastic Package

APPLICATIONS
    DVD, CD, Set-Top Boxes, Home Theater Systems, Automotive Audio Systems, Computer Multimedia Products, Sampling Musical Keyboards, Digital Mixing Consoles, Digital Audio Effects Processors




Similar Part No. - AD1855

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
More results


Similar Description - AD1855

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1854 AD-AD1854 Datasheet
390Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com