Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5011 Datasheet (PDF) - Analog Devices

AD5011 Datasheet PDF - Analog Devices
Part # AD5011
Download  AD5011 Download

File Size   93.28 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 Pair/1 Pair ETSI Compatible HDSL Analog Front End

AD5011 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5011 Datasheet PDF - Analog Devices

Part # AD5011
Download  AD5011 Click to download

File Size   93.28 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 Pair/1 Pair ETSI Compatible HDSL Analog Front End

AD5011 Datasheet (HTML) - Analog Devices

AD5011 Datasheet HTML 1Page - Analog Devices AD5011 Datasheet HTML 2Page - Analog Devices AD5011 Datasheet HTML 3Page - Analog Devices AD5011 Datasheet HTML 4Page - Analog Devices AD5011 Datasheet HTML 5Page - Analog Devices AD5011 Datasheet HTML 6Page - Analog Devices AD5011 Datasheet HTML 7Page - Analog Devices AD5011 Datasheet HTML 8Page - Analog Devices

AD5011 Product details

GENERAL DESCRIPTION
The AD5011 is an analog front end for two pair or single pair HDSL applications that use 1168 kbps or 2.32 Mbps data rates. The device integrates all the transmit and receive functional blocks. A standard serial interface is used to communicate with the DAC and ADC. The filters in both the transmit and receive paths are programmable which allows adaptive HDSL to be performed also. The part is available in a 48-pin LQFP package and is specified for a temperature range of -40 °C to +85 °C.

FEATURES
    Integrated front End for Single Pair or Two Pair HDSL Systems
    Meets ETSI Specifications
    Supports 1168 kbps and 2.32 Mbps
    Programmable Filtering Supports Adaptive HDSL
    Transmit and Receive Signal Path Functions
        Receive Hybrid Amplifier, PGA, ADC and Adaptable Filter
        Transmit DAC, Adaptable Filter and Differential Outputs
    Normal Loopback
    Serial Interface to Digital Transceivers
    Single 3 V Power Supply




Similar Part No. - AD5011

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD501 AD-AD501 Datasheet
491Kb / 1P
   FET INPUT GENERAL PURPOSE OP AMPS
logo
Emerson Network Power
AD5012N2L EMERSON-NETWORKPOWER-AD5012N2L Datasheet
173Kb / 2P
   Universal AC input
AD5012N2LM EMERSON-NETWORKPOWER-AD5012N2LM Datasheet
236Kb / 2P
   Universal AC input
logo
Astec America, Inc
AD5012N2LM ASTEC-AD5012N2LM Datasheet
472Kb / 2P
   AD50 Medical Series
AD5012N2LM-0001 ASTEC-AD5012N2LM-0001 Datasheet
472Kb / 2P
   AD50 Medical Series
More results


Similar Description - AD5011

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6472 AD-AD6472 Datasheet
114Kb / 8P
   2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
REV. 0
logo
Burr-Brown (TI)
AFE1205 BURR-BROWN-AFE1205 Datasheet
196Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 BURR-BROWN-AFE1203 Datasheet
193Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
logo
Texas Instruments
AFE1203E TI-AFE1203E Datasheet
880Kb / 15P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1203 TI1-AFE1203_14 Datasheet
897Kb / 16P
[Old version datasheet]   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1224 TI1-AFE1224 Datasheet
152Kb / 13P
[Old version datasheet]   2Mbps, Single Pair ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1224 BURR-BROWN-AFE1224 Datasheet
137Kb / 11P
   2Mbps, Single Pair ANALOG FRONT END
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com