Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8425 Datasheet (PDF) - Allegro MicroSystems

A8425 Datasheet PDF - Allegro MicroSystems
Part # A8425
Download  A8425 Download

File Size   439.38 Kbytes
Page   16 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Current Photoflash Capacitor Charger

A8425 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8425 Datasheet PDF - Allegro MicroSystems

Part # A8425
Download  A8425 Click to download

File Size   439.38 Kbytes
Page   16 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Current Photoflash Capacitor Charger

A8425 Datasheet (HTML) - Allegro MicroSystems

Back Button A8425 Datasheet HTML 1Page - Allegro MicroSystems A8425 Datasheet HTML 2Page - Allegro MicroSystems A8425 Datasheet HTML 3Page - Allegro MicroSystems A8425 Datasheet HTML 4Page - Allegro MicroSystems A8425 Datasheet HTML 5Page - Allegro MicroSystems A8425 Datasheet HTML 6Page - Allegro MicroSystems A8425 Datasheet HTML 7Page - Allegro MicroSystems A8425 Datasheet HTML 8Page - Allegro MicroSystems A8425 Datasheet HTML 9Page - Allegro MicroSystems A8425 Datasheet HTML 10Page - Allegro MicroSystems Next Button 

A8425 Product details

Description
The A8425 charges photoflash capacitors for digital cameras, camcorders, and DSC combos. An integrated 55 V DMOS switch drives the transformer in a flyback topology optimized for 2-cell Li+ battery input. An integrated IGBT driver with separate source and sink pins allows high performance red-eye reduction implementation.

Features and Benefits
▪ Wide battery voltage range: 1.5 to 11 V
▪ Integrated 55 V DMOS switch in very thin profile
   3 mm × 3 mm, 0.75 mm nominal height package
▪ Peak current limit continuously adjustable from 1.0 to 3.2 A
▪ Output voltage sensing on primary side: no resistor divider
   required
▪ >75% efficiency
▪ Fast charge time
▪ Charge Complete indication
▪ Flexible, high current IGBT drive
▪ Independent IGBT driver supply
▪ Separate sink and source pins with 6 Ω pull-up and
   20 Ω pull-down
▪ Interlocked trigger pin improves noise immunity
▪ No primary-side Schottky diode needed

Applications include:
▪ SLR camera flash
▪ Digital camcorder/DSC combo flash
▪ 2 Li+ input strobe




Similar Part No. - A8425

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8423 ALLEGRO-A8423 Datasheet
368Kb / 8P
   LIN Bus Transceiver with Integrated Voltage Regulator
February 9, 2004
A8423KL ALLEGRO-A8423KL Datasheet
368Kb / 8P
   LIN Bus Transceiver with Integrated Voltage Regulator
February 9, 2004
A8426 ALLEGRO-A8426 Datasheet
443Kb / 16P
   High Performance Photoflash Capacitor Charger
A8426EESTR-T ALLEGRO-A8426EESTR-T Datasheet
445Kb / 16P
   High Performance Photoflash Capacitor Charger with IGBT Driver
More results


Similar Description - A8425

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8426 ALLEGRO-A8426 Datasheet
443Kb / 16P
   High Performance Photoflash Capacitor Charger
logo
Aimtron Technology
AT1454 AIMTRON-AT1454 Datasheet
494Kb / 18P
   Photoflash Capacitor Charger for DSC
logo
Global Mixed-mode Techn...
G2109 GMT-G2109 Datasheet
25Kb / 1P
   Photoflash Capacitor Charger for DSC
logo
Aimtron Technology
AT1452 AIMTRON-AT1452 Datasheet
604Kb / 17P
   Photoflash Capacitor Charger for DSC
logo
Linear Technology
LT3468 LINER-LT3468 Datasheet
302Kb / 12P
   Photoflash Capacitor Charger in ThinSOT
logo
Aimtron Technology
AT1453 AIMTRON-AT1453 Datasheet
643Kb / 19P
   Photoflash Capacitor Charger for DSC
logo
Global Mixed-mode Techn...
G2132 GMT-G2132 Datasheet
25Kb / 1P
   Photoflash Capacitor Charger for DSC
logo
Aimtron Technology
AT1450 AIMTRON-AT1450 Datasheet
318Kb / 10P
   Photoflash Capacitor Charger for DSC
logo
Allegro MicroSystems
A8426EESTR-T ALLEGRO-A8426EESTR-T Datasheet
445Kb / 16P
   High Performance Photoflash Capacitor Charger with IGBT Driver
A8436 ALLEGRO-A8436 Datasheet
702Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com