Manufacturer | Part # | Datasheet | Description |
Maxim Integrated Produc... |
90-0174
|
23Kb / 1P |
PACKAGE LAND PATTERN, (U5) 5L SOT23
Rev B |
90-0330
|
23Kb / 1P |
PACKAGE LAND PATTERN, (U10) 3*3MM UMAX, 10 LEADS
Rev B |
90-0107
|
28Kb / 1P |
PACKAGE LAND PATTERN, (216) 0.300 SOIC, 16 LEADS
Rev D |
90-0097
|
30Kb / 1P |
PACKAGE LAND PATTERN, (S16) 0.150 SOIC, 16 LEADS
Rev A |
90-0167
|
25Kb / 1P |
PACKAGE LAND PATTERN, (E16) 0.150 QSOP, 16 LEADS
Rev A |
90-0112
|
29Kb / 1P |
PACKAGE LAND PATTERN, 9S14) .150 SOIC 14 LEADS
Rev B |
90-0096
|
28Kb / 1P |
PACKAGE LAND PATTERN, (S8) 0.150 SOIC, 8 LEADS
Rev C |
90-0117
|
29Kb / 1P |
PACKAGE LAND PATTERN, (U16) 4.4MM TSSOP, 16 LEADS
Rev C |
90-0021
|
29Kb / 1P |
PACKAGE LAND PATTERN, (T2444-3 / T24443)
Rev B |
90-0397
|
27Kb / 1P |
PACKAGE LAND PATTERN, 12L TDFN, 3*3
Rev C |