Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP07CP Datasheet (PDF) - Analog Devices

OP07CP Datasheet PDF - Analog Devices
Part # OP07CP
Download  OP07CP Download

File Size   448.68 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Offset Voltage Dual Operational Amplifier

OP07CP Datasheet (PDF)

Go To PDF Page Download Datasheet
OP07CP Datasheet PDF - Analog Devices

Part # OP07CP
Download  OP07CP Click to download

File Size   448.68 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Offset Voltage Dual Operational Amplifier

OP07CP Datasheet (HTML) - Analog Devices

OP07CP Datasheet HTML 1Page - Analog Devices OP07CP Datasheet HTML 2Page - Analog Devices OP07CP Datasheet HTML 3Page - Analog Devices OP07CP Datasheet HTML 4Page - Analog Devices OP07CP Datasheet HTML 5Page - Analog Devices OP07CP Datasheet HTML 6Page - Analog Devices OP07CP Datasheet HTML 7Page - Analog Devices OP07CP Datasheet HTML 8Page - Analog Devices OP07CP Datasheet HTML 9Page - Analog Devices OP07CP Datasheet HTML 10Page - Analog Devices

OP07CP Product details

GENERAL DESCRIPTION
The OP07 has very low input offset voltage (75 μV maximum for OP07E) that is obtained by trimming at the wafer stage. These low offset voltages generally eliminate any need for external nulling. The OP07 also features low input bias current (±4 nA for the OP07E) and high open-loop gain (200 V/mV for the OP07E).
The low offset and high open-loop gain make the OP07 particularly useful for high gain instrumentation applications.

FEATURES
   Low VOS: 75 μV maximum
   Low VOSdrift: 1.3 μV/°C maximum
   Ultrastable vs. time: 1.5 μV per month maximum
   Low noise: 0.6 μV p-p maximum
   Wide input voltage range: ±14 V typical
   Wide supply voltage range: 3 V to 18 V
   125°C temperature-tested dice

APPLICATIONS
   Wireless base station control circuits
   Optical network control circuits
   Instrumentation
   Sensors and controls
     Thermocouples
     Resistor thermal detectors (RTDs)
     Strain bridges
     Shunt current measurements
   Precision filters




Similar Part No. - OP07CP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP07CP TI-OP07CP Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
OP07CP MAXIM-OP07CP Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
logo
Texas Instruments
OP07CP TI-OP07CP Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP07CP AD-OP07CP Datasheet
311Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. D
logo
Texas Instruments
OP07CP TI1-OP07CP Datasheet
373Kb / 8P
[Old version datasheet]   Low Offset, Low Drift Operational Amplifier
More results


Similar Description - OP07CP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP07 AD-OP07_15 Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07AJ AD-OP07AJ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07DZ AD-OP07DZ Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07Z AD-OP07Z Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. G
OP07 AD-OP07_06 Datasheet
311Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
Rev. D
OP77AZ AD-OP77AZ Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
5962-8773802GA AD-5962-8773802GA Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77 Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77 AD-OP77_15 Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com