Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8039 Datasheet (PDF) - Analog Devices

AD8039 Datasheet PDF - Analog Devices
Part # AD8039
Download  AD8039 Download

File Size   346.55 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power 350 MHz Voltage Feedback Amplifiers

AD8039 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8039 Datasheet PDF - Analog Devices

Part # AD8039
Download  AD8039 Click to download

File Size   346.55 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power 350 MHz Voltage Feedback Amplifiers

AD8039 Datasheet (HTML) - Analog Devices

Back Button AD8039 Datasheet HTML 1Page - Analog Devices AD8039 Datasheet HTML 2Page - Analog Devices AD8039 Datasheet HTML 3Page - Analog Devices AD8039 Datasheet HTML 4Page - Analog Devices AD8039 Datasheet HTML 5Page - Analog Devices AD8039 Datasheet HTML 6Page - Analog Devices AD8039 Datasheet HTML 7Page - Analog Devices AD8039 Datasheet HTML 8Page - Analog Devices AD8039 Datasheet HTML 9Page - Analog Devices AD8039 Datasheet HTML 10Page - Analog Devices Next Button 

AD8039 Product details

PRODUCT DESCRIPTION
The AD8038 (single) and AD8039 (dual) amplifiers are high speed (350 MHz) voltage feedback amplifiers with an exception ally low quiescent current of 1.0 mA/amplifier typical (1.5 mA max). The AD8038 single amplifier in the SOIC-8 package has a disable feature. Despite being low power and low cost, the amplifier provides excellent overall performance. Additionally, it offers a high slew rate of 425 V/µs and low input offset voltage of 3 mV max.

FEATURES
  Low Power
    1 mA Supply Current/Amp
  High Speed
    350 MHz, –3 dB Bandwidth (G = +1)
    425 V/us Slew Rate
  Low Cost
  Low Noise
    8 nV/√Hz @ 100 kHz
    600 fA/√Hz @ 100 kHz
  Low Input Bias Current: 750 nA Max
  Low Distortion
    –90 dB SFDR @ 1 MHz
    –65 dB SFDR @ 5 MHz
  Wide Supply Range: 3 V to 12 V
  Small Packaging: SOT-23-8, SC70-5, and SOIC-8

APPLICATIONS
  Battery-Powered Instrumentation
  Filters
  A/D Drivers
  Level Shifting
  Buffering
  High Density PC Boards
  Photo Multipliers




Similar Part No. - AD8039

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8039 AD-AD8039 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8039AR AD-AD8039AR Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8039AR AD-AD8039AR Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039AR-REEL AD-AD8039AR-REEL Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8039AR-REEL AD-AD8039AR-REEL Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results


Similar Description - AD8039

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com