Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8079 Datasheet (PDF) - Analog Devices

AD8079 Datasheet PDF - Analog Devices
Part # AD8079
Download  AD8079 Download

File Size   348.48 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 260 MHz Gain = 2.0 & 2.2 Buffer

AD8079 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8079 Datasheet PDF - Analog Devices

Part # AD8079
Download  AD8079 Click to download

File Size   348.48 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 260 MHz Gain = 2.0 & 2.2 Buffer

AD8079 Datasheet (HTML) - Analog Devices

Back Button AD8079 Datasheet HTML 1Page - Analog Devices AD8079 Datasheet HTML 2Page - Analog Devices AD8079 Datasheet HTML 3Page - Analog Devices AD8079 Datasheet HTML 4Page - Analog Devices AD8079 Datasheet HTML 5Page - Analog Devices AD8079 Datasheet HTML 6Page - Analog Devices AD8079 Datasheet HTML 7Page - Analog Devices AD8079 Datasheet HTML 8Page - Analog Devices AD8079 Datasheet HTML 9Page - Analog Devices AD8079 Datasheet HTML 10Page - Analog Devices Next Button 

AD8079 Product details

PRODUCT DESCRIPTION
The AD8079 is a dual, low power, high speed buffer designed to operate on ±5 V supplies. The AD8079’s pinout offers excellent input and output isolation compared to the traditional dual amplifier pin configuration. With two ac ground pins separating both the inputs and outputs, the AD8079 achieves very low crosstalk of less than –70 dB at 5 MHz.
   
FEATURES
    Factory Set Gain
        AD8079A: Gain = +2.0 (Also +1.0 & –1.0)
        AD8079B: Gain = +2.2 (Also +1 & –1.2)
        Gain of 2.2 Compensates for System Gain Loss
        Minimizes External Components
        Tight Control of Gain and Gain Matching (0.1%)
    Optimum Dual Pinout
        Simplifies PCB Layout
        Low Crosstalk of –70 dB @ 5 MHz
    Excellent Video Specifications (RL = 150 Ω)
        Gain Flatness 0.1 dB to 50 MHz
        0.01% Differential Gain Error
        0.02° Differential Phase Error
    Low Power of 50 mW/Amplifier (5 mA)
    High Speed and Fast Settling
        260 MHz, –3 dB Bandwidth
        750 V/μs Slew Rate (2 V Step), 800 V/μs (4 V Step)
        40 ns Settling Time to 0.1% (2 V Step)
    Low Distortion of –65 dBc THD, fC = 5 MHz
    High Output Drive of Over 70 mA
        Drives Up to 8 Back-Terminated 75 Ω Loads (4 Loads/
            Side) While Maintaining Good Differential Gain/
                Phase Performance (0.01%/0.17°)
    High ESD Tolerance (5 kV)
    Available in Small 8-Pin SOIC
   
APPLICATIONS
    Differential A-to-D Driver
    Video Line Driver
    Differential Line Driver
    Professional Cameras
    Video Switchers
    Special Effects
    RF Receivers
   




Similar Part No. - AD8079

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079 AD-AD8079 Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR AD-AD8079AR Datasheet
351Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR AD-AD8079AR Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR-REEL AD-AD8079AR-REEL Datasheet
351Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR-REEL AD-AD8079AR-REEL Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
More results


Similar Description - AD8079

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079 AD-AD8079_15 Datasheet
351Kb / 12P
   Dual 260 MHz Gain 2.0 & 2.2 Buffer
REV. A
AD8079ARZ AD-AD8079ARZ Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079ARZ AD-AD8079ARZ Datasheet
351Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
logo
Texas Instruments
OPA3S2859 TI-OPA3S2859 Datasheet
2Mb / 33P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/?숰z, Programmable Gain Transimpedance Amplifier
MAY 2022
OPA3S2859 TI-OPA3S2859_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/√Hz, Programmable Gain Transimpedance Amplifier
REVISED AUGUST 2022
logo
National Semiconductor ...
LMH6704 NSC-LMH6704_14 Datasheet
944Kb / 20P
   MHz Selectable Gain Buffer with Disable
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
   Dual Low-Power, Programmable Gain Buffer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com