Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOB11S60 Datasheet (PDF) - Alpha & Omega Semiconductors

AOB11S60 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB11S60
Download  AOB11S60 Download

File Size   297.68 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 11A a MOS Power Transistor

AOB11S60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB11S60 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB11S60
Download  AOB11S60 Click to download

File Size   297.68 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 11A a MOS Power Transistor

AOB11S60 Datasheet (HTML) - Alpha & Omega Semiconductors

AOB11S60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB11S60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB11S60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB11S60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB11S60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB11S60 Datasheet HTML 6Page - Alpha & Omega Semiconductors

AOB11S60 Product details

General Description
The AOT11S60& AOB11S60 & AOTF11S60 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications. By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

Product Summary
    VDS @ Tj,max                      700V
    IDM                                       45A
    RDS(ON),max                      0.399Ω
    Qg,typ                                   11nC
    Eoss @ 400V                       2.7µJ
   
    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOB11S60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOB11S60 ISC-AOB11S60 Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOB11S60 VBSEMI-AOB11S60 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AOB11S60L AOSMD-AOB11S60L Datasheet
508Kb / 7P
   600V 11A a MOS
AOB11S60L AOSMD-AOB11S60L Datasheet
508Kb / 7P
   600V 11A a MOS
logo
VBsemi Electronics Co.,...
AOB11S60L VBSEMI-AOB11S60L Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results


Similar Description - AOB11S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD11S60 AOSMD-AOD11S60 Datasheet
400Kb / 7P
   600V 11A a MOS Power Transistor
AOW11S60 AOSMD-AOW11S60 Datasheet
282Kb / 6P
   600V 11A a MOS TM Power Transistor
AOT11S60L AOSMD-AOT11S60L Datasheet
508Kb / 7P
   600V 11A a MOS
AOB11S60L AOSMD-AOB11S60L Datasheet
508Kb / 7P
   600V 11A a MOS
AOB11S65 AOSMD-AOB11S65 Datasheet
305Kb / 7P
   650V 11A a MOS Power Transistor
AOW11S65 AOSMD-AOW11S65 Datasheet
265Kb / 6P
   650V 11A a MOS TM Power Transistor
logo
Renesas Technology Corp
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com