Electronic Components Datasheet Search |
|
AOB15S65 Datasheet (PDF) - Alpha & Omega Semiconductors |
AOB15S65 Datasheet (PDF) |
Download Datasheet |
Part # | AOB15S65 |
Download | AOB15S65 Click to download |
File Size | 308.26 Kbytes |
Page | 7 Pages |
Manufacturer | AOSMD [Alpha & Omega Semiconductors] |
Direct Link | http://www.aosmd.com |
Logo | |
Description | 650V 15A a MOS Power Transistor |
AOB15S65 Datasheet (HTML) - Alpha & Omega Semiconductors |
AOB15S65 Product details |
|
Similar Part No. - AOB15S65 |
|
Similar Description - AOB15S65 |
|
About Alpha & Omega Semiconductors |
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |