Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGS6N4252BT Datasheet (PDF) - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

KGS6N4252BT Datasheet PDF - HOKURIKU ELECTRIC INDUSTRY CO.,LTD
Part # KGS6N4252BT
Download  KGS6N4252BT Download

File Size   170.27 Kbytes
Page   1 Pages
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD
Description Tactile Switches 6mm횞6mm Top Push Surface Mounting Type

KGS6N4252BT Datasheet (PDF)

Go To PDF Page Download Datasheet
KGS6N4252BT Datasheet PDF - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # KGS6N4252BT
Download  KGS6N4252BT Click to download

File Size   170.27 Kbytes
Page   1 Pages
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD
Description Tactile Switches 6mm횞6mm Top Push Surface Mounting Type

KGS6N4252BT Datasheet (HTML) - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

KGS6N4252BT Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD



Similar Part No. - KGS6N4252BT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KGS MSYSTEM-KGS Datasheet
99Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KGS11-B MSYSTEM-KGS11-B Datasheet
99Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KGS11-B/K MSYSTEM-KGS11-B/K Datasheet
99Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KGS11-B/Q MSYSTEM-KGS11-B/Q Datasheet
99Kb / 3P
   Plug-in Signal Conditioners K-UNIT
KGS11-C MSYSTEM-KGS11-C Datasheet
99Kb / 3P
   Plug-in Signal Conditioners K-UNIT
More results


Similar Description - KGS6N4252BT

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
KSHC612AT HOKURIKU-KSHC612AT Datasheet
165Kb / 1P
   Tactile Switches 6mm횞5.3mm Radial Taped Top Push
STS3NBT HOKURIKU-STS3NBT Datasheet
61Kb / 1P
   Tactile Switches 3.2mm x 3.2mm Surface Mounting Type
logo
SHINMEI ELECTRIC CO., L...
TSW-1 SHINMEI-TSW-1 Datasheet
117Kb / 3P
   Body Height 1.8mm, Side Push Type Tactile Switches
logo
Copal Electronics
SMT3 COPAL-SMT3 Datasheet
676Kb / 2P
   Surface Mount Tactile Switches
logo
SHINMEI ELECTRIC CO., L...
TSW-31 SHINMEI-TSW-31 Datasheet
102Kb / 2P
   Height 0.9mm, Compact Sized Side Push Type Tactile Switches
TSW-20 SHINMEI-TSW-20 Datasheet
94Kb / 2P
   Side Push Double Action Tactile Switches
TSW-41 SHINMEI-TSW-41 Datasheet
92Kb / 2P
   Multifunction Type Tactile Switches
logo
Mitsumi Electronics, Co...
STO MITSUMI-STO Datasheet
130Kb / 2P
   Small Type Tactile Switches
logo
Copal Electronics
SMT1 COPAL-SMT1 Datasheet
576Kb / 2P
   Surface Mount Tactile Switches
logo
Mitsumi Electronics, Co...
SOG MITSUMI-SOG Datasheet
148Kb / 2P
   Small Type Tactile Switches
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com