Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-L530C-B Datasheet (PDF) - PowerDynamics, Inc

PD-L530C-B Datasheet PDF - PowerDynamics, Inc
Part # PD-L530C-B
Download  PD-L530C-B Download

File Size   123.23 Kbytes
Page   1 Pages
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc
Description NEMA L5-30R CORD CONNECTOR 30A 125VAC; ASSEMBLY TYPE

PD-L530C-B Datasheet (PDF)

Go To PDF Page Download Datasheet
PD-L530C-B Datasheet PDF - PowerDynamics, Inc

Part # PD-L530C-B
Download  PD-L530C-B Click to download

File Size   123.23 Kbytes
Page   1 Pages
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc
Description NEMA L5-30R CORD CONNECTOR 30A 125VAC; ASSEMBLY TYPE

PD-L530C-B Datasheet (HTML) - PowerDynamics, Inc

PD-L530C-B Datasheet HTML 1Page - PowerDynamics, Inc



Similar Part No. - PD-L530C-B

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-L530P-B POWERDYNAMICS-PD-L530P-B Datasheet
107Kb / 1P
   ELECTRICAL SPECIFICATIONS
PD-L530R-B POWERDYNAMICS-PD-L530R-B Datasheet
64Kb / 1P
   NEMA L5-30R LOCKING RECEPTACLE
More results


Similar Description - PD-L530C-B

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-L520C-B POWERDYNAMICS-PD-L520C-B Datasheet
122Kb / 1P
   NEMA L5-20R CORD CONNECTOR 20A 125VAC; ASSEMBLY TYPE
PD-L515C-B POWERDYNAMICS-PD-L515C-B Datasheet
53Kb / 1P
   NEMA L5-15R CORD CONNECTOR 15A 125VAC; ASSEMBLY TYPE
PD-L630C-B POWERDYNAMICS-PD-L630C-B Datasheet
122Kb / 1P
   NEMA L6-30R CORD CONNECTOR 30A 250VAC; ASSEMBLY TYPE
PD-L1530C-B POWERDYNAMICS-PD-L1530C-B Datasheet
122Kb / 1P
   NEMA L15-30R CORD CONNECTOR 30A 250VAC; ASSEMBLY TYPE
PD-L1430C-B POWERDYNAMICS-PD-L1430C-B Datasheet
123Kb / 1P
   NEMA L14-30R CORD CONNECTOR 30A 125/250VAC; ASSEMBLY TYPE
PD-L530R-B POWERDYNAMICS-PD-L530R-B Datasheet
64Kb / 1P
   NEMA L5-30R LOCKING RECEPTACLE
logo
Tripp Lite. All Rights ...
P046-010-LL-30A TRIPPLITE-P046-010-LL-30A Datasheet
179Kb / 3P
   Power Extension Cord, NEMA L5-30P to NEMA L5-30R- Heavy-Duty, 30A, 125V, 10 AWG, 10 ft. (3.05 m), Black, Locking Connectors
P046-015-LL-30A TRIPPLITE-P046-015-LL-30A Datasheet
179Kb / 3P
   Power Extension Cord, NEMA L5-30P to NEMA L5-30R- Heavy-Duty, 30A, 125V, 10 AWG, 15 ft. (4.57 m), Black, Locking Connectors
P046-006-LL-30A TRIPPLITE-P046-006-LL-30A Datasheet
178Kb / 3P
   Power Extension Cord, NEMA L5-30P to NEMA L5-30R- Heavy-Duty, 30A, 125V, 10 AWG, 6 ft. (1.83 m), Black, Locking Connectors
P041008 TRIPPLITE-P041008 Datasheet
480Kb / 2P
   Heavy-Duty Power Extension Cord, 30A, 10AWG (NEMA L6-30P to NEMA L6-30R), 8-ft
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com