Electronic Components Datasheet Search |
|
AOTF12N60FD Datasheet (PDF) - Alpha & Omega Semiconductors |
AOTF12N60FD Datasheet (PDF) |
Download Datasheet |
Part # | AOTF12N60FD |
Download | AOTF12N60FD Click to download |
File Size | 279.55 Kbytes |
Page | 6 Pages |
Manufacturer | AOSMD [Alpha & Omega Semiconductors] |
Direct Link | http://www.aosmd.com |
Logo | |
Description | 600V, 12A N-Channel MOSFET |
AOTF12N60FD Datasheet (HTML) - Alpha & Omega Semiconductors |
AOTF12N60FD Product details |
|
Similar Part No. - AOTF12N60FD |
|
Similar Description - AOTF12N60FD |
|
About Alpha & Omega Semiconductors |
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |