Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8006 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8006 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8006
Download  AOZ8006 Download

File Size   468.34 Kbytes
Page   11 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra-Low Capacitance TVS Diode Array

AOZ8006 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8006 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8006
Download  AOZ8006 Click to download

File Size   468.34 Kbytes
Page   11 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Ultra-Low Capacitance TVS Diode Array

AOZ8006 Datasheet (HTML) - Alpha & Omega Semiconductors

Back Button AOZ8006 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8006 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8006 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8006 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8006 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8006 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8006 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8006 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8006 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ8006 Datasheet HTML 10Page - Alpha & Omega Semiconductors Next Button 

AOZ8006 Product details

General Description
The AOZ8006 is a transient voltage suppressor array designed to protect high speed data lines such as HDMI and Gigabit Ethernet from damaging ESD events.
This device incorporates eight surge rated, low capacitance steering diodes and a TVS in a single package. During transient conditions, the steering diodes direct the transient to either the positive side of the power supply line or to ground.
The AOZ8006 provides a typical line to line capacitance of 0.47pF and low insertion loss up to 2GHz providing greater signal integrity making it ideally suited for HDMI 1.3 applications, such as Digital TVs, DVD players, set-top boxes and mobile computing devices.
The AOZ8006 comes in a MSOP-10 package and is rated -40°C to +85°C junction temperature range. The MSOP package features a flow through layout design.

Features
● ESD protection for high-speed data lines:
   – IEC 61000-4-2, level 4 (ESD) immunity test
   – ±15kV (air discharge) and ±8kV (contact discharge)
   – Human Body Model (HBM) ±15kV
● Array of surge rated diodes with internal TVS diode
● Small package saves board space
● Protects four I/O lines
● Low capacitance between I/O lines: 0.47pF
● Low clamping voltage
● Low operating voltage: 5.0V

Applications
● HDMI ports
● Monitors and flat panel displays
● Set-top box
● USB 2.0 power and data line protection
● Video graphics cards
● Digital Video Interface (DVI)
● 10/100/1000 Ethernet
● Notebook computers




Similar Part No. - AOZ8006

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8006FI AOSMD-AOZ8006FI Datasheet
94Kb / 4P
   Plastic Encapsulated Device
More results


Similar Description - AOZ8006

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC3324P10 LEIDITECH-ULC3324P10 Datasheet
542Kb / 4P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC08DT3 LEIDITECH-ULC08DT3 Datasheet
133Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC12TN LEIDITECH-ULC12TN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC24CTN LEIDITECH-ULC24CTN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
   Ultra-Low Capacitance TVS Diode Array
logo
HUAYI MICROELECTRONICS ...
HYE0505F HUAYI-HYE0505F Datasheet
1Mb / 5P
   Ultra-Low Capacitance TVS Diode Array
logo
Alpha & Omega Semicondu...
AOZ8005FI AOSMD-AOZ8005FI Datasheet
646Kb / 14P
   Ultra-Low Capacitance TVS Diode Array
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
   Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC15DT3 LEIDITECH-ULC15DT3 Datasheet
588Kb / 6P
   Ultra Low Capacitance TVS Diode Array
ULC0804P10 LEIDITECH-ULC0804P10 Datasheet
420Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC0542P3 LEIDITECH-ULC0542P3 Datasheet
703Kb / 5P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com