Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8208 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8208 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8208
Download  AOZ8208 Download

File Size   385.84 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Eight-line TVS Diode Array

AOZ8208 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8208 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8208
Download  AOZ8208 Click to download

File Size   385.84 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Eight-line TVS Diode Array

AOZ8208 Datasheet (HTML) - Alpha & Omega Semiconductors

AOZ8208 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8208 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8208 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8208 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8208 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8208 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8208 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8208 Datasheet HTML 8Page - Alpha & Omega Semiconductors

AOZ8208 Product details

General Description
The AOZ8208 is a transient voltage suppressor diode array designed to protect data lines from high transient conditions and ESD. This state-of-the-art device utilizes AOS leading edge Trench Vertical Structure [TVS]2 ™ technology for superior clamping performance.
This device incorporates eight TVS diodes in a single package. During transient conditions, the TVS diodes direct the transient to ground. They may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (±15kV air, ±8kV contact discharge).

Features
 • ESD protection for high-speed data lines:
    – Exceeds: IEC 61000-4-2 (ESD) ±15kV (air), ±15kV (contact)
    – IEC61000-4-5 (Lightning) 5A (8/20μS)
    – Human Body Model (HBM) ±20kV
 • Trench Vertical Structure [TVS]2 ™ based technology used to achieve excellent ESD clamping performance
 • Small package saves board space
 • Low insertion loss
 • Protects eight unidirectional I/O lines
 • Low clamping voltage
 • Low operating voltage: 5.0V
 • Green product, Pb-free

Applications
 • Portable handheld devices
 • Keypads, data lines
 • Notebook computers
 • Digital Cameras
 • Portable GPS
 • MP3 players




Similar Part No. - AOZ8208

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8201 AOSMD-AOZ8201 Datasheet
334Kb / 6P
   One-line TVS Diode
AOZ8201NI-05L AOSMD-AOZ8201NI-05L Datasheet
334Kb / 6P
   One-line TVS Diode
AOZ8201NI-12L AOSMD-AOZ8201NI-12L Datasheet
334Kb / 6P
   One-line TVS Diode
AOZ8204 AOSMD-AOZ8204 Datasheet
278Kb / 6P
   Four-line TVS Diode Array
AOZ8204DI AOSMD-AOZ8204DI Datasheet
304Kb / 7P
   Four-line TVS Diode Array
More results


Similar Description - AOZ8208

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8204 AOSMD-AOZ8204 Datasheet
278Kb / 6P
   Four-line TVS Diode Array
AOZ8204DI AOSMD-AOZ8204DI Datasheet
304Kb / 7P
   Four-line TVS Diode Array
AOZ8206 AOSMD-AOZ8206 Datasheet
337Kb / 8P
   Six-line TVS Diode Array
logo
Applied Power Microelec...
AU0533S1 APMICRO-AU0533S1 Datasheet
598Kb / 4P
   2-Line TVS Diode Array
logo
Alpha & Omega Semicondu...
AOZ8205DI AOSMD-AOZ8205DI Datasheet
307Kb / 7P
   Five-line TVS Diode Array
AOZ8205 AOSMD-AOZ8205 Datasheet
358Kb / 7P
   Five-line TVS Diode Array
logo
IMP, Inc
EIMD05C8 IMP-EIMD05C8 Datasheet
232Kb / 2P
   Compact, Bidirectional, Eight Line Monolithic TVS Diode Network
logo
TECH PUBLIC Electronics...
ESD5V0B15H-1006 TECHPUBLIC-ESD5V0B15H-1006 Datasheet
1Mb / 4P
   15pf 1-Line TVS Diode Array
logo
Applied Power Microelec...
AU0505S6L APMICRO-AU0505S6L Datasheet
715Kb / 4P
   5-Line Unidirection TVS Diode Array
AU0505S6 APMICRO-AU0505S6 Datasheet
790Kb / 4P
   5-Line Unidirection TVS Diode Array
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com