Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOZ8234 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8234 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8234
Download  AOZ8234 Download

File Size   287.88 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Four-line TVS Diode

AOZ8234 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8234 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8234
Download  AOZ8234 Click to download

File Size   287.88 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Four-line TVS Diode

AOZ8234 Datasheet (HTML) - Alpha & Omega Semiconductors

AOZ8234 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8234 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8234 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8234 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8234 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8234 Datasheet HTML 6Page - Alpha & Omega Semiconductors

AOZ8234 Product details

General Description
The AOZ8234 is a transient voltage suppressor diode array designed to protect data lines from high transient conditions and ESD. This state-of-the-art device utilizes AOS leading edge Trench Vertical Structure [TVS]2 ™ technology for superior clamping performance.
This device incorporates four TVS diodes in a single package. Due to the flexibility of the design, the package can be configured as a two channel bidirectional TVS array. During transient conditions, the TVS diodes direct the transient to ground. They may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (±15 kV air, ±8 kV contact discharge).

Features
 • ESD protection for high-speed data lines:
    – Exceeds: IEC 61000-4-2 (ESD) ±18 kV (air), ±18 kV (contact)
    – Human Body Model (HBM) ±30 kV
 • Trench Vertical Structure [TVS]2 ™ based technology used to achieve excellent ESD clamping performance
 • Small package saves board space
 • Low insertion loss
 • Protects four unidirectional or two bidirectional I/O lines
 • Low clamping voltage
 • Low operating voltage: 5.0V
 • Green product, Pb-free

Applications
 • Portable handheld devices
 • Keypads, data lines
 • Notebook computers
 • Digital cameras
 • Portable GPS
 • MP3 players




Similar Part No. - AOZ8234

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8231 AOSMD-AOZ8231 Datasheet
273Kb / 6P
   One-line Bi-directional TVS Diode
AOZ8231A AOSMD-AOZ8231A Datasheet
348Kb / 7P
   One-line Bi-directional TVS Diode
AOZ8231ADI AOSMD-AOZ8231ADI Datasheet
320Kb / 5P
   One-line Bi-directional TVS Diode
Rev. 6.0 June 2021
AOZ8231ADI-02 AOSMD-AOZ8231ADI-02 Datasheet
348Kb / 7P
   one-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
AOZ8231ADI-02 AOSMD-AOZ8231ADI-02 Datasheet
320Kb / 5P
   One-line Bi-directional TVS Diode
Rev. 6.0 June 2021
More results


Similar Description - AOZ8234

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8204 AOSMD-AOZ8204 Datasheet
278Kb / 6P
   Four-line TVS Diode Array
AOZ8204DI AOSMD-AOZ8204DI Datasheet
304Kb / 7P
   Four-line TVS Diode Array
AOZ8224 AOSMD-AOZ8224 Datasheet
283Kb / 6P
   Four-line Bi-directional TVS Diode
AOZ8235 AOSMD-AOZ8235 Datasheet
291Kb / 6P
   Five-line TVS Diode
logo
Galaxy Semi-Conductor H...
SD05 BILIN-SD05 Datasheet
172Kb / 4P
   Single Line TVS Diode
SD24 BILIN-SD24 Datasheet
196Kb / 3P
   Single Line TVS Diode
GESDXVXD3 BILIN-GESDXVXD3 Datasheet
234Kb / 5P
   Single Line TVS Diode
logo
Alpha & Omega Semicondu...
AOZ8211DI-05 AOSMD-AOZ8211DI-05 Datasheet
362Kb / 7P
   0ne-line TVS Diode
AOZ8222DI-05 AOSMD-AOZ8222DI-05 Datasheet
263Kb / 7P
   Two-line TVS Diode
logo
Shenzhen Luguang Electr...
GESD5V0D1 LUGUANG-GESD5V0D1 Datasheet
215Kb / 3P
   Single Line TVS Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com