Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQA1-12038UBH3 Datasheet (PDF) - Qualtek Electronics Corporation

FQA1-12038UBH3 Datasheet PDF - Qualtek Electronics Corporation
Part # FQA1-12038UBH3
Download  FQA1-12038UBH3 Download

File Size   3318.99 Kbytes
Page   1 Pages
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation
Description Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected

FQA1-12038UBH3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQA1-12038UBH3 Datasheet PDF - Qualtek Electronics Corporation

Part # FQA1-12038UBH3
Download  FQA1-12038UBH3 Click to download

File Size   3318.99 Kbytes
Page   1 Pages
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation
Description Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected

FQA1-12038UBH3 Datasheet (HTML) - Qualtek Electronics Corporation

FQA1-12038UBH3 Datasheet HTML 1Page - Qualtek Electronics Corporation



Similar Part No. - FQA1-12038UBH3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA10N60C FAIRCHILD-FQA10N60C Datasheet
631Kb / 8P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA10N60C ISC-FQA10N60C Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA10N80 FAIRCHILD-FQA10N80 Datasheet
675Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
More results


Similar Description - FQA1-12038UBH3

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
FAA1-12038-A QUALTEK-FAA1-12038-A Datasheet
1Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
logo
ebm-papst
4000Z EBMPAPST-4000Z Datasheet
369Kb / 1P
   AC fans with external rotor shaded-pole motor. Impedance protected against overloading
logo
Ningbo Leison Motor Co....
LS-2IK06-2GN NINGBO-LS-2IK06-2GN Datasheet
898Kb / 1P
   Induction Motor 6W
LS-5IK60-5GU NINGBO-LS-5IK60-5GU Datasheet
946Kb / 1P
   Induction Motor 60W
LS-5IK60-5GN NINGBO-LS-5IK60-5GN Datasheet
930Kb / 1P
   Induction Motor 60W
LS-5IK120-5GU NINGBO-LS-5IK120-5GU Datasheet
956Kb / 1P
   Induction Motor 120W
LS-6IK120-6GU NINGBO-LS-6IK120-6GU Datasheet
937Kb / 1P
   Induction Motor 120W
LS-5IK90-5GU NINGBO-LS-5IK90-5GU Datasheet
959Kb / 1P
   Induction Motor 90W
LS-6IK140-6GU NINGBO-LS-6IK140-6GU Datasheet
937Kb / 1P
   Induction Motor 140W
logo
List of Unclassifed Man...
W2E143-AA09 ETC2-W2E143-AA09 Datasheet
487Kb / 1P
   AC fans with extemal rotor shaded-pole motor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com