Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100324 Datasheet (PDF) - Fairchild Semiconductor

100324 Datasheet PDF - Fairchild Semiconductor
Part # 100324
Download  100324 Download

File Size   82.11 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Power Hex TTL-to-ECL Translator

100324 Datasheet (PDF)

Go To PDF Page Download Datasheet
100324 Datasheet PDF - Fairchild Semiconductor

Part # 100324
Download  100324 Click to download

File Size   82.11 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Power Hex TTL-to-ECL Translator

100324 Datasheet (HTML) - Fairchild Semiconductor

100324 Datasheet HTML 1Page - Fairchild Semiconductor 100324 Datasheet HTML 2Page - Fairchild Semiconductor 100324 Datasheet HTML 3Page - Fairchild Semiconductor 100324 Datasheet HTML 4Page - Fairchild Semiconductor 100324 Datasheet HTML 5Page - Fairchild Semiconductor 100324 Datasheet HTML 6Page - Fairchild Semiconductor 100324 Datasheet HTML 7Page - Fairchild Semiconductor 100324 Datasheet HTML 8Page - Fairchild Semiconductor

100324 Product details

General Description
The 100324 is a hex translator, designed to convert TTL logic levels to 100K ECL logic levels. The inputs are compatible with standard or Schottky TTL. A common Enable (E), when LOW, holds all inverting outputs HIGH and holds all true outputs LOW. The differential outputs allow each circuit to be used as an inverting/non-inverting translator, or as a differential line driver. The output levels are voltage compensated over the full −4.2V to −5.7V range.

Features
■ Pin/function compatible with 100124
■ Meets 100124 AC specifications
■ 50% power reduction of the 100124
■ Differential outputs
■ 2000V ESD protection
■ −4.2V to −5.7V operating range
■ Available to MIL-STD-883
■ Available to industrial grade temperature range (PLCC package only)




Similar Part No. - 100324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100324 NSC-100324 Datasheet
117Kb / 6P
   Low Power Hex TTL-to-ECL Translator
logo
Texas Instruments
100324 TI1-100324 Datasheet
153Kb / 6P
[Old version datasheet]   Low Power Hex TTL-to-ECL Translator
logo
Turck, Inc.
1003240 TURCK-1003240 Datasheet
142Kb / 3P
   Inductive Sensor
11/07/2023
1003241 TURCK-1003241 Datasheet
168Kb / 3P
   Inductive Sensor
11/07/2023
logo
National Semiconductor ...
100324D NSC-100324D Datasheet
117Kb / 6P
   Low Power Hex TTL-to-ECL Translator
More results


Similar Description - 100324

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100325 NSC-F100325 Datasheet
171Kb / 7P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
National Semiconductor ...
100325 NSC-100325 Datasheet
125Kb / 8P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_06 Datasheet
506Kb / 6P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S325 MICREL-SY100S325 Datasheet
100Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
[Old version datasheet]   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S325 MICREL-SY100S325_06 Datasheet
503Kb / 6P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S324 MICREL-SY100S324_07 Datasheet
86Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
Fairchild Semiconductor
100325 FAIRCHILD-100325 Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
logo
National Semiconductor ...
100324 NSC-100324 Datasheet
117Kb / 6P
   Low Power Hex TTL-to-ECL Translator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com