Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100391 Datasheet (PDF) - Fairchild Semiconductor

100391 Datasheet PDF - Fairchild Semiconductor
Part # 100391
Download  100391 Download

File Size   81.14 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Power Single Supply Hex TTL-to-PECL Translator

100391 Datasheet (PDF)

Go To PDF Page Download Datasheet
100391 Datasheet PDF - Fairchild Semiconductor

Part # 100391
Download  100391 Click to download

File Size   81.14 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Power Single Supply Hex TTL-to-PECL Translator

100391 Datasheet (HTML) - Fairchild Semiconductor

100391 Datasheet HTML 1Page - Fairchild Semiconductor 100391 Datasheet HTML 2Page - Fairchild Semiconductor 100391 Datasheet HTML 3Page - Fairchild Semiconductor 100391 Datasheet HTML 4Page - Fairchild Semiconductor 100391 Datasheet HTML 5Page - Fairchild Semiconductor 100391 Datasheet HTML 6Page - Fairchild Semiconductor 100391 Datasheet HTML 7Page - Fairchild Semiconductor 100391 Datasheet HTML 8Page - Fairchild Semiconductor

100391 Product details

General Description
The 100391 is a hex translator for converting TTL logic levels to F100K PECL logic levels. The unique feature of this translator, is the ability to do this translation using only one +5V supply. The differential outputs allow each circuit to be used as an inverting/non-inverting translator, or as a differential line driver. A common enable (E), when LOW, holds all inverting outputs HIGH and all non-inverting inputs LOW.
The 100391 is ideal for those mixed PECL/TTL applications which only have +5V supply available. When used in the differential mode, the 100391, due to its high common mode rejection, overcomes voltage gradients between the TTL and PECL ground systems.

Features
■ Operates from a single +5V supply
■ Differential PECL outputs
■ 2000V ESD protection
■ Companion chip to 100390 hex PECL-to-TTL translator




Similar Part No. - 100391

ManufacturerPart #DatasheetDescription
logo
Heyco.
10039 HEYCO-10039 Datasheet
111Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Fairchild Semiconductor
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390PC FAIRCHILD-100390PC Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390QC FAIRCHILD-100390QC Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390QI FAIRCHILD-100390QI Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
More results


Similar Description - 100391

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391 Datasheet
110Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
SY100S391 MICREL-SY100S391_07 Datasheet
75Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
logo
ON Semiconductor
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350 Datasheet
106Kb / 4P
   PECL* to TTL Translator(5 Vdc Power Supply Only)
1996 REV 6
MC10H350 ONSEMI-MC10H350_06 Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com