Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C512R-45JU Datasheet (PDF) - ATMEL Corporation

AT27C512R-45JU Datasheet PDF - ATMEL Corporation
Part # AT27C512R-45JU
Download  AT27C512R-45JU Download

File Size   801.16 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 512K (64K x 8) One-time Programmable, Read-only Memory

AT27C512R-45JU Datasheet (PDF)

Go To PDF Page Download Datasheet
AT27C512R-45JU Datasheet PDF - ATMEL Corporation

Part # AT27C512R-45JU
Download  AT27C512R-45JU Click to download

File Size   801.16 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 512K (64K x 8) One-time Programmable, Read-only Memory

AT27C512R-45JU Datasheet (HTML) - ATMEL Corporation

Back Button AT27C512R-45JU Datasheet HTML 1Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 2Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 3Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 4Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 5Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 6Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 7Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 8Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 9Page - ATMEL Corporation AT27C512R-45JU Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT27C512R-45JU Product details

Description

The AT27C512R is a low-power, high-performance 524,288-bit one-time programmable read-only memory (OTP EPROM) organized 64K by 8 bits. It requires only one 5V power supply in normal read mode operation. Any byte can be accessed in less than 45 ns, eliminating the need for speed reducing WAIT states on high-performance microprocessor systems.

Atmel’s scaled CMOS technology provides high-speed, lower active power consump tion, and significantly faster programming. Power consumption is typically only 8 mA in Active Mode and less than 10 µA in Standby.



Features

• Fast Read Access Time – 45 ns

• Low-Power CMOS Operation

   – 100 µA Max Standby

   – 20 mA Max Active at 5 MHz

• JEDEC Standard Packages

   – 28-lead PDIP

   – 32-lead PLCC

   – 28-lead TSOP and SOIC

• 5V ± 10% Supply

• High-Reliability CMOS Technology

   – 2,000V ESD Protection

   – 200 mA Latchup Immunity

• Rapid Programming Algorithm – 100 µs/Byte (Typical)

• CMOS and TTL Compatible Inputs and Outputs

• Integrated Product Identification Code

• Industrial and Automotive Temperature Ranges

• Green (Pb/Halide-free) Packaging Option



 




Similar Part No. - AT27C512R-45JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R-45JC ATMEL-AT27C512R-45JC Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-45JI ATMEL-AT27C512R-45JI Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-45JI ATMEL-AT27C512R-45JI Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
More results


Similar Description - AT27C512R-45JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R-45JU ATMEL-AT27C256R-45JU Datasheet
889Kb / 13P
   256K (32K x 8) One-time Programmable, Read-only Memory
AT27C256R-70PU ATMEL-AT27C256R-70PU Datasheet
833Kb / 14P
   256K (32K x 8) One-time Programmable, Read-only Memory
AT27C010-70PU ATMEL-AT27C010-70PU Datasheet
790Kb / 13P
   1Mb (128K x 8) One-time Programmable, Read-only Memory
AT27C010-45JU ATMEL-AT27C010-45JU Datasheet
790Kb / 13P
   1Mb (128K x 8) One-time Programmable, Read-only Memory
AT27C010-70JU ATMEL-AT27C010-70JU Datasheet
790Kb / 13P
   One-time Programmable, Read-only Memory
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
Toshiba Semiconductor
TC54256AP TOSHIBA-TC54256AP Datasheet
545Kb / 11P
   32,768 WORD x 8 BIT CMOS ONE TIME PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT49F512 ATMEL-AT49F512 Datasheet
178Kb / 11P
   512K 64K x 8 5-volt Only Flash Memory
AT29LV512 ATMEL-AT29LV512_08 Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
AT29C512 ATMEL-AT29C512_08 Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com