Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX20-B-5S Datasheet (PDF) - Hirose Electric

ZX20-B-5S Datasheet PDF - Hirose Electric
Part # ZX20-B-5S
Download  ZX20-B-5S Download

File Size   1144.19 Kbytes
Page   20 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Micro-USB connectors meeting requirements of USB 2.0 Standard

ZX20-B-5S Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX20-B-5S Datasheet PDF - Hirose Electric

Part # ZX20-B-5S
Download  ZX20-B-5S Click to download

File Size   1144.19 Kbytes
Page   20 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Micro-USB connectors meeting requirements of USB 2.0 Standard

ZX20-B-5S Datasheet (HTML) - Hirose Electric

Back Button ZX20-B-5S Datasheet HTML 1Page - Hirose Electric ZX20-B-5S Datasheet HTML 2Page - Hirose Electric ZX20-B-5S Datasheet HTML 3Page - Hirose Electric ZX20-B-5S Datasheet HTML 4Page - Hirose Electric ZX20-B-5S Datasheet HTML 5Page - Hirose Electric ZX20-B-5S Datasheet HTML 6Page - Hirose Electric ZX20-B-5S Datasheet HTML 7Page - Hirose Electric ZX20-B-5S Datasheet HTML 8Page - Hirose Electric ZX20-B-5S Datasheet HTML 9Page - Hirose Electric ZX20-B-5S Datasheet HTML 10Page - Hirose Electric Next Button 

ZX20-B-5S Product details

■Overview
Extremely small high reliability connectors complying with physical, electrical and environmental requirements of Micro-USB standard (USB 2.0). Receptacles and plugs are available in a wide variety of mounting and termination configurations, permitting their use in various applications.

■Features
1. Size reduction
Compared with the standard Mini-B connectors, the size of ZX connectors is reduced by approximately 60% while still allowing a high-speed data transfer of 480 Mbps, specified in USB 2.0.
2. Receptacle styles
Two interface configurations: Micro-B and Micro-AB in standard, mid-mount and reverse mounting styles.
SMT and through-hole (shell) PC board terminations
3. Plug styles
Corresponding to the receptacle styles, two interface configurations:
Micro-B and Micro-A, with direct wire or PCB wire soldering.
Several plug styles can be used for data transmission, earphone or charging applications.
4. High durability
Unique contact and lock configuration assures high durability while maintaining easy insertion / disconnection. Fully mated condition (when mated with corresponding HRS connector) is confirmed by a
definite tactile sensation
5. RoHS compliant
All components and materials comply with the requirements of EU directive 20/95/EC

■Applications
Mobile phones, PDA, portable music players, digital cameras, digital camcorders and other applications requiring high reliability Micro-B interface connectors.




Similar Part No. - ZX20-B-5S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ZX20-B-SLDC HIROSE-ZX20-B-SLDC Datasheet
147Kb / 1P
   None
More results


Similar Description - ZX20-B-5S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ZX62 HIROSE-ZX62 Datasheet
847Kb / 20P
   Micro-USB connectors meeting requirements of USB 2.0 Standard
ZX HIROSE-ZX_18 Datasheet
931Kb / 20P
   Micro-USB connectors meeting USB 2.0 Standard
UX60S HIROSE-UX60S Datasheet
251Kb / 7P
   Mini-B Connectors, SMT mount receptacles meeting requirements of USB 2.0 Standard
UX60-MB-5ST HIROSE-UX60-MB-5ST Datasheet
218Kb / 8P
   Meet requirements of USB 2.0
logo
Amphenol Communications...
IO_USB_MICRO AMPHENOLCS-IO_USB_MICRO Datasheet
310Kb / 3P
   Micro USB 2.0 Connectors
logo
Hirose Electric
UX HIROSE-UX_18 Datasheet
308Kb / 6P
   USB 2.0 Standard Connectors
logo
Japan Aviation Electron...
DX4 JAE-DX4 Datasheet
562Kb / 10P
   USB 2.0 Compatible Micro Connectors
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
logo
Samtec, Inc
USBR-A-S-F-O-TH SAMTEC-USBR-A-S-F-O-TH Datasheet
731Kb / 1P
   STANDARD & RUGGED USB 2.0
USB-B SAMTEC-USB-B Datasheet
142Kb / 1P
   STANDARD & RUGGED USB 2.0
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com