Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT899 Datasheet (PDF) - Fairchild Semiconductor

74ACT899 Datasheet PDF - Fairchild Semiconductor
Part # 74ACT899
Download  74ACT899 Download

File Size   78.31 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 9-Bit Latchable Transceiver with Parity Generator/Checker

74ACT899 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT899 Datasheet PDF - Fairchild Semiconductor

Part # 74ACT899
Download  74ACT899 Click to download

File Size   78.31 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 9-Bit Latchable Transceiver with Parity Generator/Checker

74ACT899 Datasheet (HTML) - Fairchild Semiconductor

74ACT899 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 9Page - Fairchild Semiconductor

74ACT899 Product details

General Description
The ACT899 is a 9-bit to 9-bit parity transceiver with transparent latches. The device can operate as a feed-through transceiver or it can generate/check parity from the 8-bit data busses in either direction. The ACT899 features independent latch enables for the A-to-B direction and the B-toA direction, a select pin for ODD/EVEN parity, and separate error signal output pins for checking parity.

Features
■ Latchable transceiver with output sink of 24 mA
■ Option to select generate parity and check or “feed-through” data/parity in directions A-to-B or B-to-A
■ Independent latch enable for A-to-B and B-to-A directions
■ Select pin for ODD/EVEN parity
■ ERRA and ERRB output pins for parity checking
■ Ability to simultaneously generate and check parity
■ May be used in system applications in place of the 280
■ May be used in system applications in place of the 657 and 373 (no need to change T/R to check parity)




Similar Part No. - 74ACT899

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74ACT899 NSC-74ACT899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899QCQB NSC-74ACT899QCQB Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899QCX NSC-74ACT899QCX Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899QMQB NSC-74ACT899QMQB Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899QMX NSC-74ACT899QMX Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
More results


Similar Description - 74ACT899

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com