Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ04SJ Datasheet (PDF) - Fairchild Semiconductor

74ACTQ04SJ Datasheet PDF - Fairchild Semiconductor
Part # 74ACTQ04SJ
Download  74ACTQ04SJ Download

File Size   81.45 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quiet Series?? Hex Inverter

74ACTQ04SJ Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACTQ04SJ Datasheet PDF - Fairchild Semiconductor

Part # 74ACTQ04SJ
Download  74ACTQ04SJ Click to download

File Size   81.45 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quiet Series?? Hex Inverter

74ACTQ04SJ Datasheet (HTML) - Fairchild Semiconductor

74ACTQ04SJ Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ04SJ Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ04SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ04SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ04SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ04SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ04SJ Datasheet HTML 7Page - Fairchild Semiconductor

74ACTQ04SJ Product details

General Description

The ACTQ04 contains six inverters and utilizes Fairchild Quiet Series™ technology to guarantee quiet output switching and improved dynamic threshold performance. FACT Quiet Series™ features GTO™ output control and undershoot corrector in addition to a split ground bus for superior ACMOS performance.



Features

■ICC reduced by 50%

■Guaranteed simultaneous switching noise level and dynamic threshold performance

■Improved latch-up immunity

■Outputs source/sink 24mA

■Has TTL-compatible inputs




Similar Part No. - 74ACTQ04SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ04SJ FAIRCHILD-74ACTQ04SJ Datasheet
116Kb / 8P
   Quiet Series Hex Inverter
74ACTQ04SJ FAIRCHILD-74ACTQ04SJ Datasheet
240Kb / 9P
   Quiet Series??Hex Inverter
More results


Similar Description - 74ACTQ04SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ04 NSC-54ACTQ04 Datasheet
106Kb / 5P
   Quiet Series Hex Inverter
logo
Fairchild Semiconductor
74ACTQ04 FAIRCHILD-74ACTQ04_07 Datasheet
240Kb / 9P
   Quiet Series??Hex Inverter
74ACTQ04 FAIRCHILD-74ACTQ04_05 Datasheet
116Kb / 8P
   Quiet Series Hex Inverter
logo
National Semiconductor ...
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
Fairchild Semiconductor
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com