Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ16540MTD Datasheet (PDF) - Fairchild Semiconductor

74ACTQ16540MTD Datasheet PDF - Fairchild Semiconductor
Part # 74ACTQ16540MTD
Download  74ACTQ16540MTD Download

File Size   85.31 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs

74ACTQ16540MTD Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACTQ16540MTD Datasheet PDF - Fairchild Semiconductor

Part # 74ACTQ16540MTD
Download  74ACTQ16540MTD Click to download

File Size   85.31 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs

74ACTQ16540MTD Datasheet (HTML) - Fairchild Semiconductor

74ACTQ16540MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ16540MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ16540MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ16540MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ16540MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ16540MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ16540MTD Datasheet HTML 7Page - Fairchild Semiconductor

74ACTQ16540MTD Product details

General Description
The ACTQ16540 contains sixteen inverting buffers with 3-STATE outputs designed to be employed as a memory and address driver, clock driver, or bus-oriented transmitter/receiver. The device is byte controlled. Each byte has separate 3-STATE control inputs which can be shorted together for full 16-bit operation.
The ACTQ16540 utilizes Fairchild Quiet Series™ technology to guarantee quiet output switching and improved dynamic threshold performance. FACT Quiet Series™ features GTO™ output control for superior performance.
   
Features
■ Utilizes Fairchild FACT Quiet Series technology
■ Guaranteed simultaneous switching noise level and
    dynamic threshold performance
■ Guaranteed pin-to-pin output skew
■ Separate control logic for each byte
■ Outputs source/sink 24 mA
■ Additional specs for multiple output switching
■ Output loading specs for both 50 pF and 250 pF loads
   




Similar Part No. - 74ACTQ16540MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16541 FAIRCHILD-74ACTQ16541 Datasheet
85Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541 FAIRCHILD-74ACTQ16541 Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541MTD FAIRCHILD-74ACTQ16541MTD Datasheet
85Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541MTD FAIRCHILD-74ACTQ16541MTD Datasheet
98Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ16541SSC FAIRCHILD-74ACTQ16541SSC Datasheet
85Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results


Similar Description - 74ACTQ16540MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
74ACT16540 TI1-74ACT16540_10 Datasheet
112Kb / 6P
[Old version datasheet]   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Fairchild Semiconductor
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540 FAIRCHILD-74ACT16540 Datasheet
78Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
PO74G16240A POTATO-PO74G16240A Datasheet
513Kb / 6P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
National Semiconductor ...
54ACTQ16540 NSC-54ACTQ16540 Datasheet
72Kb / 5P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16240 NSC-54ACTQ16240 Datasheet
75Kb / 6P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74LVT16240 FAIRCHILD-74LVT16240 Datasheet
105Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com