Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ18825 Datasheet (PDF) - Fairchild Semiconductor

74ACTQ18825 Datasheet PDF - Fairchild Semiconductor
Part # 74ACTQ18825
Download  74ACTQ18825 Download

File Size   78.69 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 18-Bit Buffer/Line Driver with 3-STATE Outputs

74ACTQ18825 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACTQ18825 Datasheet PDF - Fairchild Semiconductor

Part # 74ACTQ18825
Download  74ACTQ18825 Click to download

File Size   78.69 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 18-Bit Buffer/Line Driver with 3-STATE Outputs

74ACTQ18825 Datasheet (HTML) - Fairchild Semiconductor

74ACTQ18825 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ18825 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ18825 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ18825 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ18825 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ18825 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ18825 Datasheet HTML 7Page - Fairchild Semiconductor

74ACTQ18825 Product details

General Description
The ACTQ18825 contains eighteen non-inverting buffers with 3-STATE outputs designed to be employed as a memory and address driver, clock driver, or bus oriented transmitter/receiver. The device is byte controlled. Each byte has separate 3-STATE control inputs which can be shorted together for full 18-bit operation. The ACTQ18825 utilizes Fairchild FACT Quiet Series™ technology to guarantee quiet output switching and improved dynamic threshold performance. FACT Quiet Series features GTO output control and undershoot corrector for superior performance.

Features
■ Utilizes Fairchild FACT Quiet Series technology
■ Broadside pinout allows for easy board layout
■ Guaranteed simultaneous switching noise level and dynamic threshold performance
■ Guaranteed pin-to-pin output skew
■ Separate control logic for each byte
■ Extra data width for wider address/data paths or buses carrying parity
■ Outputs source/sink 24 mA
■ Additional specs for Multiple Output Switching
■ Output loading specs for both 50 pF and 250 pF loads




Similar Part No. - 74ACTQ18825

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ18823 FAIRCHILD-74ACTQ18823 Datasheet
91Kb / 9P
   18-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ18823MTD FAIRCHILD-74ACTQ18823MTD Datasheet
91Kb / 9P
   18-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ18823SSC FAIRCHILD-74ACTQ18823SSC Datasheet
91Kb / 9P
   18-Bit D-Type Flip-Flop with 3-STATE Outputs
More results


Similar Description - 74ACTQ18825

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT18825 FAIRCHILD-74ACT18825 Datasheet
48Kb / 6P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16825 TI-SN74ALVCH16825 Datasheet
112Kb / 8P
[Old version datasheet]   18-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
CY74FCT2244T TI1-CY74FCT2244T Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR9244 FAIRCHILD-74FR9244 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Micro Linear Corporatio...
ML65F16244 MICRO-LINEAR-ML65F16244 Datasheet
203Kb / 10P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Texas Instruments
CY74FCT2240T TI1-CY74FCT2240T_16 Datasheet
868Kb / 16P
[Old version datasheet]   8-BIT BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16244 FAIRCHILD-74ACTQ16244 Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74FR16541 FAIRCHILD-74FR16541 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16244A POTATO-PO74G16244A Datasheet
512Kb / 6P
   16-Bit Buffer/Line Driver with 3-State Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com