Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC162374 Datasheet (PDF) - Fairchild Semiconductor

74ALVC162374 Datasheet PDF - Fairchild Semiconductor
Part # 74ALVC162374
Download  74ALVC162374 Download

File Size   95.27 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs

74ALVC162374 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC162374 Datasheet PDF - Fairchild Semiconductor

Part # 74ALVC162374
Download  74ALVC162374 Click to download

File Size   95.27 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs

74ALVC162374 Datasheet (HTML) - Fairchild Semiconductor

74ALVC162374 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC162374 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC162374 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC162374 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC162374 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC162374 Datasheet HTML 6Page - Fairchild Semiconductor

74ALVC162374 Product details

General Description
The ALVC162374 contains sixteen non-inverting D-type flip-flops with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. A buffered clock (CP) and output enable (OE) are common to each byte and can be shorted together for full 16-bit operation.

Features
■ 1.65V–3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ 26Ω series resistors in outputs
■ tPD (CLK to On)
    3.9 ns max for 3.0V to 3.6V VCC
    5.3 ns max for 2.3V to 2.7V VCC
    9.6 ns max for 1.65V to 1.95V VCC
■ Power-off high impedance inputs and outputs
■ Supports live insertion and withdrawal (Note 1)
■ Uses patented noise/EMI reduction circuitry
■ Latchup conforms to JEDEC JED78
■ ESD performance:
    Human body model > 2000V
    Machine model > 200V




Similar Part No. - 74ALVC162374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74ALVC162373T FAIRCHILD-74ALVC162373T Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
More results


Similar Description - 74ALVC162374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX162374 FAIRCHILD-74VCX162374 Datasheet
151Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74VCX162374 FAIRCHILD-74VCX162374_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
logo
Toshiba Semiconductor
TC74VCX162374FT TOSHIBA-TC74VCX162374FT Datasheet
372Kb / 10P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16374 FAIRCHILD-74VCX16374 Datasheet
130Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT Datasheet
380Kb / 11P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16374 FAIRCHILD-74ALVC16374 Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
74LCX162374 FAIRCHILD-74LCX162374 Datasheet
218Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26??Series Resistors
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
logo
Toshiba Semiconductor
TC7MA2374FK TOSHIBA-TC7MA2374FK Datasheet
333Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX574FT TOSHIBA-TC74VCX574FT Datasheet
336Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com