Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F899 Datasheet (PDF) - Fairchild Semiconductor

74F899 Datasheet PDF - Fairchild Semiconductor
Part # 74F899
Download  74F899 Download

File Size   89.22 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 9-Bit Latchable Transceiver with Parity Generator/Checker

74F899 Datasheet (PDF)

Go To PDF Page Download Datasheet
74F899 Datasheet PDF - Fairchild Semiconductor

Part # 74F899
Download  74F899 Click to download

File Size   89.22 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 9-Bit Latchable Transceiver with Parity Generator/Checker

74F899 Datasheet (HTML) - Fairchild Semiconductor

Back Button 74F899 Datasheet HTML 1Page - Fairchild Semiconductor 74F899 Datasheet HTML 2Page - Fairchild Semiconductor 74F899 Datasheet HTML 3Page - Fairchild Semiconductor 74F899 Datasheet HTML 4Page - Fairchild Semiconductor 74F899 Datasheet HTML 5Page - Fairchild Semiconductor 74F899 Datasheet HTML 6Page - Fairchild Semiconductor 74F899 Datasheet HTML 7Page - Fairchild Semiconductor 74F899 Datasheet HTML 8Page - Fairchild Semiconductor 74F899 Datasheet HTML 9Page - Fairchild Semiconductor 74F899 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

74F899 Product details

General Description
The 74F899 is a 9-bit to 9-bit parity transceiver with transparent latches. The device can operate as a feed-through transceiver or it can generate/check parity from the 8-bit data busses in either direction. It has a guaranteed current sinking capability of 24 mA at the A-bus and 64 mA at the B-bus.

Features
■ Latchable transceiver with output sink of 24 mA at the A-bus and 64 mA at the B-bus
■ Option to select generate parity and check or “feed-through” data/parity in directions A-to-B or B-to-A
■ Independent latch enables for A-to-B and B-to-A directions
■ Select pin for ODD/EVEN parity
■ ERRA and ERRB output pins for parity checking
■ Ability to simultaneously generate and check parity
■ May be used in systems applications in place of the 74F543 and 74F280
■ May be used in system applications in place of the 74F657 and 74F373 (no need to change T/R to check parity)




Similar Part No. - 74F899

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F8960 PHILIPS-74F8960 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8961 PHILIPS-74F8961 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8962 PHILIPS-74F8962 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8963 PHILIPS-74F8963 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
More results


Similar Description - 74F899

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com