Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX157M Datasheet (PDF) - Fairchild Semiconductor

74LCX157M Datasheet PDF - Fairchild Semiconductor
Part # 74LCX157M
Download  74LCX157M Download

File Size   99.9 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs

74LCX157M Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX157M Datasheet PDF - Fairchild Semiconductor

Part # 74LCX157M
Download  74LCX157M Click to download

File Size   99.9 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs

74LCX157M Datasheet (HTML) - Fairchild Semiconductor

74LCX157M Datasheet HTML 1Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 2Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 3Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 4Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 5Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 6Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 7Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 8Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 9Page - Fairchild Semiconductor

74LCX157M Product details

General Description
The LCX157 is a high-speed quad 2-input multiplexer. Four bits of data from two sources can be selected using the common Select and Enable inputs. The four outputs present the selected data in the true (noninverted) form. The LCX157 can also be used as a function generator
   
Features
■ 5V tolerant inputs
■ 2.3V–3.6V VCC specifications provided
■ 5.8 ns tPD max (VCC = 3.3V), 10 µA ICC max
■ Power down high impedance inputs and outputs
■ ±24 mA output drive (VCC = 3.0V)
■ Implements patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 500 mA
■ ESD performance:
    Human body model > 2000V
    Machine model > 200V
   




Similar Part No. - 74LCX157M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX157M ONSEMI-74LCX157M Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
74LCX157MTC ONSEMI-74LCX157MTC Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
74LCX157MTCX ONSEMI-74LCX157MTCX Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
logo
STMicroelectronics
74LCX157MTR STMICROELECTRONICS-74LCX157MTR Datasheet
321Kb / 17P
   Low voltage CMOS Quad 2 channel multiplexer with 5V tolerant inputs
logo
ON Semiconductor
74LCX157MX ONSEMI-74LCX157MX Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
More results


Similar Description - 74LCX157M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX257 FAIRCHILD-74LCX257 Datasheet
100Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LVX157 STMICROELECTRONICS-74LVX157 Datasheet
197Kb / 9P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
74LVX157 STMICROELECTRONICS-74LVX157_04 Datasheet
269Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
74LCX157 STMICROELECTRONICS-74LCX157 Datasheet
321Kb / 17P
   Low voltage CMOS Quad 2 channel multiplexer with 5V tolerant inputs
logo
Toshiba Semiconductor
TC74LCX157F TOSHIBA-TC74LCX157F Datasheet
302Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ157FK TOSHIBA-TC7MZ157FK Datasheet
226Kb / 7P
   LOW-VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08_08 Datasheet
764Kb / 13P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com