Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX138BQX Datasheet (PDF) - Fairchild Semiconductor

74LCX138BQX Datasheet PDF - Fairchild Semiconductor
Part # 74LCX138BQX
Download  74LCX138BQX Download

File Size   76.54 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 1-of-8 Decoder/Demultiplexer with 5V Tolerant Inputs

74LCX138BQX Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX138BQX Datasheet PDF - Fairchild Semiconductor

Part # 74LCX138BQX
Download  74LCX138BQX Click to download

File Size   76.54 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 1-of-8 Decoder/Demultiplexer with 5V Tolerant Inputs

74LCX138BQX Datasheet (HTML) - Fairchild Semiconductor

Back Button 74LCX138BQX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX138BQX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX138BQX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX138BQX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX138BQX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX138BQX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX138BQX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX138BQX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX138BQX Datasheet HTML 9Page - Fairchild Semiconductor 74LCX138BQX Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

74LCX138BQX Product details

General Description
The LCX138 is a high-speed 1-of-8 decoder/demultiplexer. This device is ideally suited for high-speed memory chip select address decoding. The multiple input enables allow parallel expansion to a 1-of-24 decoder using just three LCX138 devices or a 1-of-32 decoder using four LCX138 devices and one inverter. The 74LCX138 is fabricated with advanced CMOS technology to achieve high speed operation while maintaining CMOS low power dissipation.

Features
■ 5V tolerant inputs
■ 2.3V to 3.6V VCC specifications provided
■ 6.0 ns tPD max (VCC = 3.3V), 10 µA ICC max
■ Power down high impedance inputs and outputs
■ ±24 mA output drive (VCC = 3.0V)
■ Implements patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 500 mA
■ ESD performance:
   Human body model > 2000V
   Machine model > 200V
■ Leadless DQFN package




Similar Part No. - 74LCX138BQX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX138BQX ONSEMI-74LCX138BQX Datasheet
513Kb / 14P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised December 2013
More results


Similar Description - 74LCX138BQX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX138 MOTOROLA-MC74LCX138 Datasheet
162Kb / 8P
   Low-Voltage CMOS 1-of-8 Decoder/Demultiplexer With 5V-Tolerant Inputs
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138 Datasheet
98Kb / 8P
   Low Voltage 1-of-8 Decoder/Demultiplexer
74LVX138 FAIRCHILD-74LVX138 Datasheet
79Kb / 7P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX157 ONSEMI-74LVX157 Datasheet
183Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
74LCX138 ONSEMI-74LCX138 Datasheet
513Kb / 14P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised December 2013
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138_01 Datasheet
71Kb / 6P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX138 ONSEMI-74LVX138 Datasheet
185Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
MC74HCT138A ONSEMI-MC74HCT138A Datasheet
218Kb / 6P
   1-of-8 Decoder/Demultiplexer with LSTTL Compatible Inputs
1995 REV 6
logo
Motorola, Inc
MC74HCT138A MOTOROLA-MC74HCT138A Datasheet
218Kb / 6P
   1-of-8 Decoder/Demultiplexer with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT138A ONSEMI-MC74HCT138A_15 Datasheet
100Kb / 7P
   1-of-8 Decoder/ Demultiplexer with LSTTL Compatible Inputs
June, 2015 ??Rev. 11
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com