Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX125MX Datasheet (PDF) - Fairchild Semiconductor

74LCX125MX Datasheet PDF - Fairchild Semiconductor
Part # 74LCX125MX
Download  74LCX125MX Download

File Size   523.2 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs

74LCX125MX Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX125MX Datasheet PDF - Fairchild Semiconductor

Part # 74LCX125MX
Download  74LCX125MX Click to download

File Size   523.2 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs

74LCX125MX Datasheet (HTML) - Fairchild Semiconductor

Back Button 74LCX125MX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 9Page - Fairchild Semiconductor 74LCX125MX Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

74LCX125MX Product details

General Description
The LCX125 contains four independent non-inverting buffers with 3-STATE outputs. The inputs tolerate voltages up to 7V allowing the interface of 5V systems to 3V systems.
The 74LCX125 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining CMOS low power dissipation.
   
Features
■ 5V tolerant inputs and outputs
■ 2.3V–3.6V VCC specifications provided
■ 6.0 ns tPD max (VCC = 3.3V), 10 μA ICC max
■ Power down high impedance inputs and outputs
■ Supports live insertion/withdrawal (Note 1)
■ ±24 mA output drive (VCC = 3.0V)
■ Implements patented noise/EMI reduction circuitry
■ Latch-up performance exceeds JEDEC 78 conditions
■ ESD performance:
    Human body model > 2000V
    Machine model > 100V
■ Leadless Pb-Free DQFN package
   




Similar Part No. - 74LCX125MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX125M ONSEMI-74LCX125M Datasheet
757Kb / 14P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.7.1
74LCX125MTC ONSEMI-74LCX125MTC Datasheet
757Kb / 14P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX125MTC FAIRCHILD-74LCX125MTC_08 Datasheet
780Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX125MTR STMICROELECTRONICS-74LCX125MTR Datasheet
216Kb / 12P
   LOW VOLTAGE CMOS QUAD BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX125MTR STMICROELECTRONICS-74LCX125MTR Datasheet
241Kb / 16P
   Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
More results


Similar Description - 74LCX125MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX126 FAIRCHILD-74LCX126 Datasheet
94Kb / 8P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX126 ONSEMI-74LCX126 Datasheet
665Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.5.1
logo
Fairchild Semiconductor
74LCX126 FAIRCHILD-74LCX126_08 Datasheet
759Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX125 FAIRCHILD-74LCX125_08 Datasheet
780Kb / 13P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
74LCX126 FAIRCHILD-74LCX126_05 Datasheet
530Kb / 11P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX125 ONSEMI-74LCX125 Datasheet
757Kb / 14P
   Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.7.1
logo
Toshiba Semiconductor
TC74LCX125F TOSHIBA-TC74LCX125F Datasheet
277Kb / 8P
   LOW VOLTAGE QUAD BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX541F TOSHIBA-TC74LCX541F Datasheet
283Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com