Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX16245MEA Datasheet (PDF) - Fairchild Semiconductor

74LCX16245MEA Datasheet PDF - Fairchild Semiconductor
Part # 74LCX16245MEA
Download  74LCX16245MEA Download

File Size   86.31 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs

74LCX16245MEA Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX16245MEA Datasheet PDF - Fairchild Semiconductor

Part # 74LCX16245MEA
Download  74LCX16245MEA Click to download

File Size   86.31 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs

74LCX16245MEA Datasheet (HTML) - Fairchild Semiconductor

74LCX16245MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16245MEA Datasheet HTML 9Page - Fairchild Semiconductor

74LCX16245MEA Product details

General Description

The LCX16245 contains sixteen non-inverting bidirectional buffers with 3-STATE outputs and is intended for bus ori ented applications. The device is designed for low voltage (2.5V or 3.3V) VCCapplications with capability of interfac ing to a 5V signal environment. The device is byte con

trolled. Each byte has separate control inputs which could be shorted together for full 16-bit operation. The T/Rinputs determine the direction of data flow through the device. The OEinputs disable both the A and B ports by placing them in a high impedance state. The LCX16245 is fabricated with an advanced CMOS tech nology to achieve high speed operation while maintaining CMOS low power dissipation.



Features

■5V tolerant inputs and outputs

■2.3V–3.6V VCCspecifications provided

■4.5 ns tPDmax (VCC  3.3V), 20 PA ICCmax

■Power down high impedance inputs and outputs

■Supports live insertion/withdrawal (Note 1)

■r24 mA output drive (VCC  3.0V)

■Uses patented noise/EMI reduction circuitry

■Latch-up performance exceeds 500 mA

■ESD performance: Human body model !2000V Machine model !200V

■Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA)




Similar Part No. - 74LCX16245MEA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX16245MEA ONSEMI-74LCX16245MEA Datasheet
229Kb / 11P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised May 2005
More results


Similar Description - 74LCX16245MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245 Datasheet
102Kb / 12P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX245 NSC-54LCX245 Datasheet
117Kb / 6P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX245 ONSEMI-74LCX245 Datasheet
740Kb / 16P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX32245 FAIRCHILD-74LCX32245 Datasheet
125Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com