Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX2244MTC Datasheet (PDF) - Fairchild Semiconductor

74LCX2244MTC Datasheet PDF - Fairchild Semiconductor
Part # 74LCX2244MTC
Download  74LCX2244MTC Download

File Size   156.24 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs with 26ohm Series Resistors in the Outputs

74LCX2244MTC Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX2244MTC Datasheet PDF - Fairchild Semiconductor

Part # 74LCX2244MTC
Download  74LCX2244MTC Click to download

File Size   156.24 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs with 26ohm Series Resistors in the Outputs

74LCX2244MTC Datasheet (HTML) - Fairchild Semiconductor

Back Button 74LCX2244MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LCX2244MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LCX2244MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LCX2244MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LCX2244MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LCX2244MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LCX2244MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LCX2244MTC Datasheet HTML 8Page - Fairchild Semiconductor 74LCX2244MTC Datasheet HTML 9Page - Fairchild Semiconductor 74LCX2244MTC Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

74LCX2244MTC Product details

General Description
The LCX2244 contains eight non-inverting buffers with 3-STATE outputs. The device may be employed as a memory address driver, clock driver and bus-oriented transmitter/receiver. The LCX2244 is designed for low voltage (2.5V or 3.3V) VCC applications with capability of interfacing to a 5V signal environment. The 26Ω series resistors help reduce output overshoot and undershoot.
   
Features
■ 5V tolerant inputs and outputs
■ 2.3V to 3.6V VCC specifications provided
■ 7.5 ns tPD max (VCC = 3.3V) 10 µA ICC max
■ Power down high impedance inputs and outputs
■ 26Ω-series resistors in the outputs
■ Supports live insertion/withdrawal (Note 1)
■ ±12 mA output drive (VCC = 3.0V)
■ Implements patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 500 mA
■ ESD performance:
    Human body model > 2000V
    Machine model > 200V
■ Leadless DQFN package
   




Similar Part No. - 74LCX2244MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX2244MTC ONSEMI-74LCX2244MTC Datasheet
296Kb / 13P
   Low Voltage Buffer/Line Driver
Revised May 2003
More results


Similar Description - 74LCX2244MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXZ162244 FAIRCHILD-74LCXZ162244_05 Datasheet
94Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74LCXZ162244 FAIRCHILD-74LCXZ162244 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74VCX162240 FAIRCHILD-74VCX162240_05 Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
logo
ON Semiconductor
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
logo
Fairchild Semiconductor
74LCX244 FAIRCHILD-74LCX244 Datasheet
432Kb / 12P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74VCX162839 FAIRCHILD-74VCX162839_00 Datasheet
75Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com