Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
74LCX373MSA
(1)
74LCX373MSA - Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs - Fairchild Semiconductor
Click Here View
74LCX373MSA
Datasheet
Part No.
74LCX373MSA
Description
Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
Download
74LCX373MSA
Click here
to View
File Size
747.41 Kbytes / 15 Pages
Maker
FAIRCHILD [Fairchild Semiconductor]
Homepage
http://www.fairchildsemi.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
74VCX16839
Low
Voltage
20-Bit
Selectable
Register/Buffer
with
3.6V
Tolerant
Inputs
and
Outputs
Fairchild Semiconductor
TC7MA157FK
Low
Voltage
Quad
2-Channel
Multiplexer
with
3.6
V
Tolerant
Inputs
and
Outputs
Toshiba Semiconductor
74LVXU04
LOW
VOLTAGE
CMOS
HEX
INVERTER
SINGLE
STAGE
WITH
5V
TOLERANT
INPUTS
STMicroelectronics
FXL2TD245
Low
Voltage
Dual
Supply
2-Bit
Signal
Translator
with
Configurable
Voltage
Supplies
and
Signal
Levels
3-STATE
Outputs
and
Independent
Fairchild Semiconductor
SN74SSTU32864C
25-BIT
CONFIGURABLE
REGISTERED
BUFFER
WITH
SSTL
18
INPUTS
AND
OUTPUTS
Texas Instruments
ATR0841
4-channel
Laser
Driver
with
2
Outputs
3
LVDS
Inputs
and
Internal
Termination
ATMEL Corporation
ZL50062
16K-Channel
Digital
Switch
with
High
Jitter
Tolerance
Single
Rate
2
4
8
or
16Mbps
and
64
Inputs
and
64
Outputs
Zarlink Semiconductor Inc
IDT74ALVCH374
3.3V
CMOS
OCTAL
POSITIVE
EDGE-TRIGGERED
D-TYPE
FLIP-FLOP
WITH
3-STATE
OUTPUTS
AND
BUS-HOLD
Integrated Device Technology
MC100EP16VB
3.3V
/
5V
ECL
Differential
Receiver/Driver
with
High
and
Low
Gain
ON Semiconductor
BSM200GAL120DLC
62mm
C-series
module
with
low
loss
IGBT2
and
EmCon
diode
eupec GmbH
Link URL :
Related keyword
74LCX373MSA Datasheet
74LCX373MSA Cross Reference
74LCX373MSA Schematic
74LCX373MSA Distributor
74LCX373MSA Datenblatt
74LCX373MSA RoHS
74LCX373MSA Equivalent
74LCX373MSA Application Notes
74LCX373MSA Data Sheet
74LCX373MSA components
74LCX373MSA Fiche Technique
74LCX373MSA Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer