Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX541MSA Datasheet (PDF) - Fairchild Semiconductor

74LCX541MSA Datasheet PDF - Fairchild Semiconductor
Part # 74LCX541MSA
Download  74LCX541MSA Download

File Size   763.07 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs

74LCX541MSA Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX541MSA Datasheet PDF - Fairchild Semiconductor

Part # 74LCX541MSA
Download  74LCX541MSA Click to download

File Size   763.07 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs

74LCX541MSA Datasheet (HTML) - Fairchild Semiconductor

Back Button 74LCX541MSA Datasheet HTML 1Page - Fairchild Semiconductor 74LCX541MSA Datasheet HTML 2Page - Fairchild Semiconductor 74LCX541MSA Datasheet HTML 3Page - Fairchild Semiconductor 74LCX541MSA Datasheet HTML 4Page - Fairchild Semiconductor 74LCX541MSA Datasheet HTML 5Page - Fairchild Semiconductor 74LCX541MSA Datasheet HTML 6Page - Fairchild Semiconductor 74LCX541MSA Datasheet HTML 7Page - Fairchild Semiconductor 74LCX541MSA Datasheet HTML 8Page - Fairchild Semiconductor 74LCX541MSA Datasheet HTML 9Page - Fairchild Semiconductor 74LCX541MSA Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

74LCX541MSA Product details

General Description

The LCX541 is an octal buffer/line driver designed to be employed as memory and address drivers, clock drivers and bus oriented transmitter/receivers. The LCX541 is a non inverting option of the LCX540.



Features

■ 5V tolerant input and outputs

■ 2.3V–3.6V VCC specifications provided

■ 6.5ns tPD max (VCC = 3.3V), 10µA ICC max

■ Power-down high impedance inputs and outputs

■ Supports live insertion/withdrawal1

■ ±24 mA output drive (VCC = 3.0V)

■ Implements patented noise/ EMI reduction circuitry

■ Latch-up performance exceeds JEDEC 78 conditions

■ ESD performance

  – Human body model > 2000V

  – Machine model > 200V

■ Leadless Pb-Free DQFN package



 




Similar Part No. - 74LCX541MSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX541MSA FAIRCHILD-74LCX541MSA Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX541MSA ONSEMI-74LCX541MSA Datasheet
693Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX541MSA FAIRCHILD-74LCX541MSA_08 Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Similar Description - 74LCX541MSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541_08 Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX241 FAIRCHILD-74LCX241 Datasheet
115Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX240 NSC-74LCX240 Datasheet
122Kb / 6P
   Low-Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_07 Datasheet
750Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX540 ONSEMI-74LCX540 Datasheet
662Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.7.1
74LCX541 ONSEMI-74LCX541 Datasheet
693Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_06 Datasheet
770Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com