Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX760SJ Datasheet (PDF) - Fairchild Semiconductor

74LCX760SJ Datasheet PDF - Fairchild Semiconductor
Part # 74LCX760SJ
Download  74LCX760SJ Download

File Size   98.61 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs

74LCX760SJ Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX760SJ Datasheet PDF - Fairchild Semiconductor

Part # 74LCX760SJ
Download  74LCX760SJ Click to download

File Size   98.61 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs

74LCX760SJ Datasheet (HTML) - Fairchild Semiconductor

74LCX760SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LCX760SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LCX760SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LCX760SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LCX760SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LCX760SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LCX760SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LCX760SJ Datasheet HTML 8Page - Fairchild Semiconductor 74LCX760SJ Datasheet HTML 9Page - Fairchild Semiconductor 74LCX760SJ Datasheet HTML 10Page - Fairchild Semiconductor

74LCX760SJ Product details

General Description

The LCX760 is the Open Drain version of the LCX244. The LCX760 contains eight non-inverting buffers with 3-STATE outputs. The device may be employed as a memory address driver, clock driver and bus-oriented transmitter/receiver. The LCX760 is designed for low voltage (2.5V or 3.3V) VCC applications with capability of interfacing to a 5V signal environment.



Features

■ Open drain version of the LCX244

■ 5V tolerant inputs and outputs

■ 2.3V–3.6V VCC specifications provided

■ 8.0 ns tPD max (VCC = 3.3V), 10 µA ICC max

■ Power down high impedance inputs and outputs

■ Supports live insertion/withdrawal (Note 1)

■ 24 mA output drive (VCC = 3.0V)

■ Implements patented noise/EMI reduction circuitry

■ Latch-up conforms to JEDEC JED78

■ ESD performance:

  Human body model > 2000V

  Machine model > 200V




Similar Part No. - 74LCX760SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX760SJ FAIRCHILD-74LCX760SJ Datasheet
112Kb / 10P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs
logo
ON Semiconductor
74LCX760SJ ONSEMI-74LCX760SJ Datasheet
219Kb / 12P
   Low Voltage Buffer/Line Driver 5V Tolerant Inputs and Open Drain Outputs
Revised March 2005
More results


Similar Description - 74LCX760SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX760 FAIRCHILD-74LCX760_05 Datasheet
112Kb / 10P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Open Drain Outputs
logo
ON Semiconductor
74LCX760 ONSEMI-74LCX760 Datasheet
219Kb / 12P
   Low Voltage Buffer/Line Driver 5V Tolerant Inputs and Open Drain Outputs
Revised March 2005
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
logo
Fairchild Semiconductor
74LCX244 FAIRCHILD-74LCX244 Datasheet
432Kb / 12P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541 Datasheet
763Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541_08 Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX241 FAIRCHILD-74LCX241 Datasheet
115Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com