Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXH162244MTX Datasheet (PDF) - Fairchild Semiconductor

74LCXH162244MTX Datasheet PDF - Fairchild Semiconductor
Part # 74LCXH162244MTX
Download  74LCXH162244MTX Download

File Size   110.21 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs

74LCXH162244MTX Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCXH162244MTX Datasheet PDF - Fairchild Semiconductor

Part # 74LCXH162244MTX
Download  74LCXH162244MTX Click to download

File Size   110.21 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs

74LCXH162244MTX Datasheet (HTML) - Fairchild Semiconductor

74LCXH162244MTX Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH162244MTX Datasheet HTML 9Page - Fairchild Semiconductor

74LCXH162244MTX Product details

General Description
The LCXH162244 contains sixteen non-inverting buffers with 3-STATE outputs designed to be employed as a memory and address driver, clock driver, or bus oriented transmitter/receiver. The device is nibble controlled. Each nibble has separate 3-STATE control inputs which can be shorted together for full 16-bit operation.

Features
■ 5V tolerant control inputs and outputs
■ 2.3V–3.6V VCC specifications provided
■ Outputs include equivalent series resistance of 26: to make external termination resistors unnecessary and reduce overshoot and undershoot
■ Bushold on data inputs eliminates the need for external pull-up/pull-down resistors
■ 5.3 ns tPD max (VCC 3.0V), 20 PA ICC max
■ Power down high impedance inputs and outputs
■ r12 mA output drive (VCC 3.0V)
■ Implements patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 500 mA
■ ESD performance:
    Human body model ! 2000V
    Machine model ! 200V




Similar Part No. - 74LCXH162244MTX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCXH162244MTX ONSEMI-74LCXH162244MTX Datasheet
217Kb / 11P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
More results


Similar Description - 74LCXH162244MTX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVCH162240 FAIRCHILD-74ALVCH162240 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74VCXH162240 FAIRCHILD-74VCXH162240 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74ALVCH162244 FAIRCHILD-74ALVCH162244 Datasheet
81Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
74LCXH16244 FAIRCHILD-74LCXH16244_05 Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74LCXH16244 FAIRCHILD-74LCXH16244 Datasheet
93Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com