Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXH16374G Datasheet (PDF) - Fairchild Semiconductor

74LCXH16374G Datasheet PDF - Fairchild Semiconductor
Part # 74LCXH16374G
Download  74LCXH16374G Download

File Size   204.82 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit D-Type Flip-Flop with Bushold

74LCXH16374G Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCXH16374G Datasheet PDF - Fairchild Semiconductor

Part # 74LCXH16374G
Download  74LCXH16374G Click to download

File Size   204.82 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit D-Type Flip-Flop with Bushold

74LCXH16374G Datasheet (HTML) - Fairchild Semiconductor

74LCXH16374G Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH16374G Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH16374G Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH16374G Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH16374G Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH16374G Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH16374G Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH16374G Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH16374G Datasheet HTML 9Page - Fairchild Semiconductor 74LCXH16374G Datasheet HTML 10Page - Fairchild Semiconductor

74LCXH16374G Product details

General Description
The LCXH16374 contains sixteen non-inverting D-type flip-flops with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. A buffered clock (CP) and Output Enable (OE) are common to each byte and can be shorted together for full 16-bit operation.

Features
■ 5V tolerant control inputs and outputs
■ 2.3V–3.6V VCC specifications provided
■ 6.2 ns tPD max (VCC = 3.3V), 20 μA ICC max
■ Bushold on inputs eliminating the need for external pull-up/pull-down resistors
■ Power down high impedance outputs
■ ±24 mA output drive (VCC = 3.0V)
■ Implements patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 500 mA
■ ESD performance:
    Human body model > 2000V
    Machine model > 200V
■ Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA)




Similar Part No. - 74LCXH16374G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXH16374G FAIRCHILD-74LCXH16374G Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
More results


Similar Description - 74LCXH16374G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXH16374FT TOSHIBA-TC74VCXH16374FT Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
TC74VCXH162374FT TOSHIBA-TC74VCXH162374FT Datasheet
176Kb / 13P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
Fairchild Semiconductor
74VCXH16374 FAIRCHILD-74VCXH16374 Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74ALVCH16374 FAIRCHILD-74ALVCH16374 Datasheet
97Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374 FAIRCHILD-74LCXH16374_05 Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH162374 FAIRCHILD-74LCXH162374 Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74ALVCH162374 FAIRCHILD-74ALVCH162374 Datasheet
94Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
logo
ON Semiconductor
MC74LCX16374 ONSEMI-MC74LCX16374_12 Datasheet
133Kb / 7P
   Low-Voltage CMOS 16-Bit D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Fairchild Semiconductor
74VCXH162374 FAIRCHILD-74VCXH162374 Datasheet
86Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26廓 Series Resistors in Outputs
logo
Motorola, Inc
MC74LCX16374 MOTOROLA-MC74LCX16374 Datasheet
123Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com