Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXR162245MEX Datasheet (PDF) - Fairchild Semiconductor

74LCXR162245MEX Datasheet PDF - Fairchild Semiconductor
Part # 74LCXR162245MEX
Download  74LCXR162245MEX Download

File Size   93.88 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs

74LCXR162245MEX Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCXR162245MEX Datasheet PDF - Fairchild Semiconductor

Part # 74LCXR162245MEX
Download  74LCXR162245MEX Click to download

File Size   93.88 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs

74LCXR162245MEX Datasheet (HTML) - Fairchild Semiconductor

74LCXR162245MEX Datasheet HTML 1Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 2Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 3Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 4Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 5Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 6Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 7Page - Fairchild Semiconductor 74LCXR162245MEX Datasheet HTML 8Page - Fairchild Semiconductor

74LCXR162245MEX Product details

General Description
The LCXR162245 contains sixteen non-inverting bidirectional buffers with 3-STATE outputs and is intended for bus oriented applications. The device is designed for low voltage (2.5V or 3.3V) VCC applications with capability of interfacing to a 5V signal environment.
   
Features
■ 5V tolerant inputs and outputs
■ 2.3V–3.6V VCC specifications provided
■ A and B side outputs have equivalent 26Ω series
    resistors
■ 5.3 ns tPD max (VCC = 3.3V), 20 μA ICC max
■ Power down high impedance inputs and outputs
■ Supports live insertion/withdrawal (Note 1)
■ Flow through pinout
■ Implements patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 500 mA
■ ESD performance:
    Human body model > 2000V
    Machine model > 200V
   




Similar Part No. - 74LCXR162245MEX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCXR162245MEX ONSEMI-74LCXR162245MEX Datasheet
202Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised June 2005
More results


Similar Description - 74LCXR162245MEX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXP16245 FAIRCHILD-74LCXP16245 Datasheet
72Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and Pull-Down Resistors
74LCXP16245 FAIRCHILD-74LCXP16245_05 Datasheet
97Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and Pull-Down Resistors
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com