Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ151SJ Datasheet (PDF) - Fairchild Semiconductor

74LVQ151SJ Datasheet PDF - Fairchild Semiconductor
Part # 74LVQ151SJ
Download  74LVQ151SJ Download

File Size   67.99 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 8-Input Multiplexer

74LVQ151SJ Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ151SJ Datasheet PDF - Fairchild Semiconductor

Part # 74LVQ151SJ
Download  74LVQ151SJ Click to download

File Size   67.99 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 8-Input Multiplexer

74LVQ151SJ Datasheet (HTML) - Fairchild Semiconductor

74LVQ151SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ151SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ151SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ151SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ151SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ151SJ Datasheet HTML 6Page - Fairchild Semiconductor

74LVQ151SJ Product details

General Description
The LVQ151 is a high-speed 8-input digital multiplexer. It provides, in one package, the ability to select one line of data from up to eight sources. The LVQ151 can be used as a universal function generator to generate any logic function of four variables. Both true and complementary outputs are provided.

Features
■ Ideal for low power/low noise 3.3V applications
■ Guaranteed simultaneous switching noise level and
   dynamic threshold performance
■ Guaranteed pin-to-pin skew AC performance
■ Guaranteed incident wave switching into 75Ω




Similar Part No. - 74LVQ151SJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ157 STMICROELECTRONICS-74LVQ157 Datasheet
60Kb / 8P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
February 1999
logo
Fairchild Semiconductor
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
79Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
66Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
logo
STMicroelectronics
74LVQ157 STMICROELECTRONICS-74LVQ157 Datasheet
298Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
74LVQ157M STMICROELECTRONICS-74LVQ157M Datasheet
60Kb / 8P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
February 1999
More results


Similar Description - 74LVQ151SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
   8-INPUT MULTIPLEXER
October 17 1990
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
   8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
   8-Input Multiplexer
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
   8-input multiplexer
logo
National Semiconductor ...
100363 NSC-100363 Datasheet
127Kb / 8P
   Low Power Dual 8-Input Multiplexer
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
   8-Input Multiplexer
logo
Fairchild Semiconductor
74AC151 FAIRCHILD-74AC151 Datasheet
97Kb / 9P
   8-Input Multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151_03 Datasheet
170Kb / 9P
   8-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
   8-input multiplexer
Rev. 5-26 January 2015
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com