Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ174SC Datasheet (PDF) - Fairchild Semiconductor

74LVQ174SC Datasheet PDF - Fairchild Semiconductor
Part # 74LVQ174SC
Download  74LVQ174SC Download

File Size   81.51 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Hex D-Type Flip-Flop with Master Reset

74LVQ174SC Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ174SC Datasheet PDF - Fairchild Semiconductor

Part # 74LVQ174SC
Download  74LVQ174SC Click to download

File Size   81.51 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Hex D-Type Flip-Flop with Master Reset

74LVQ174SC Datasheet (HTML) - Fairchild Semiconductor

74LVQ174SC Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ174SC Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ174SC Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ174SC Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ174SC Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ174SC Datasheet HTML 6Page - Fairchild Semiconductor

74LVQ174SC Product details

General Description
The LVQ174 is a high-speed hex D-type flip-flop. The device is used primarily as a 6-bit edge-triggered storage register. The information on the D inputs is transferred to storage during the LOW-to-HIGH clock transition. The device has a Master Reset to simultaneously clear all flip-flops.

Features
■ Ideal for low power/low noise 3.3V applications
■ Guaranteed simultaneous switching noise level and
   dynamic threshold performance
■ Guaranteed pin-to-pin skew AC performance
■ Guaranteed incident wave switching into 75Ω




Similar Part No. - 74LVQ174SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ174SC FAIRCHILD-74LVQ174SC Datasheet
65Kb / 6P
   Low Voltage Hex D-Type Flip-Flop with Master Reset
More results


Similar Description - 74LVQ174SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ174 FAIRCHILD-74LVQ174_01 Datasheet
65Kb / 6P
   Low Voltage Hex D-Type Flip-Flop with Master Reset
74LVX174 FAIRCHILD-74LVX174 Datasheet
81Kb / 7P
   Low Voltage Hex D-Type Flip-Flop with Master Reset
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
   Hex D-Type Flip-Flop with Master Reset
logo
Renesas Technology Corp
HD74AC174 RENESAS-HD74AC174 Datasheet
210Kb / 8P
   Hex D-Type Flip-Flop with Master Reset
logo
Hitachi Semiconductor
HD74AC174 HITACHI-HD74AC174 Datasheet
56Kb / 9P
   Hex D-Type Flip-Flop with Master Reset
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174_00 Datasheet
79Kb / 7P
   Hex D-Type Flip-Flop with Master Reset
74AC174 FAIRCHILD-74AC174 Datasheet
99Kb / 9P
   Hex D-Type Flip-Flop with Master Reset
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
   Hex D Flip-flop with Master Reset
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
54AC174 NSC-54AC174 Datasheet
140Kb / 8P
   Hex D Flip-Flop with Master Reset
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com