Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT851QTA Datasheet (PDF) - Diodes Incorporated

FZT851QTA Datasheet PDF - Diodes Incorporated
Part # FZT851QTA
Download  FZT851QTA Download

File Size   351.83 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN MEDIUM POWER TRANSISTOR IN SOT223

FZT851QTA Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT851QTA Datasheet PDF - Diodes Incorporated

Part # FZT851QTA
Download  FZT851QTA Click to download

File Size   351.83 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN MEDIUM POWER TRANSISTOR IN SOT223

FZT851QTA Datasheet (HTML) - Diodes Incorporated

FZT851QTA Datasheet HTML 1Page - Diodes Incorporated FZT851QTA Datasheet HTML 2Page - Diodes Incorporated FZT851QTA Datasheet HTML 3Page - Diodes Incorporated FZT851QTA Datasheet HTML 4Page - Diodes Incorporated FZT851QTA Datasheet HTML 5Page - Diodes Incorporated FZT851QTA Datasheet HTML 6Page - Diodes Incorporated FZT851QTA Datasheet HTML 7Page - Diodes Incorporated

FZT851QTA Product details

Features
• BVCEO > 60V
• IC = 6A High Continuous Collector Current
• ICM = 20A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < 100mV @ 1A
• RCE(sat) = 44mΩ for a Low Equivalent On-Resistance
• hFE Specified Up to 10A for a High Gain Hold Up
• Complementary PNP Type: FZT951
• Lead-Free Finish; RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP capable (Note 4)




Similar Part No. - FZT851QTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT851QTA DIODES-FZT851QTA Datasheet
455Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR
More results


Similar Description - FZT851QTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FZT491 DIODES-FZT491_15 Datasheet
169Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT491 DIODES-FZT491_12 Datasheet
169Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT851 DIODES-FZT851_15 Datasheet
584Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T851G ZETEX-ZX5T851G Datasheet
122Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
FZT493A DIODES-FZT493A Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN2010G ZETEX-ZXTN2010G Datasheet
122Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN19060CG DIODES-ZXTN19060CG Datasheet
324Kb / 8P
   60V NPN low sat medium power transistor in SOT223
ZXTN2010G DIODES-ZXTN2010G Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G DIODES-ZXTN2010G_15 Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
FZT493A DIODES-FZT493A_15 Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com