Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT16373 Datasheet (PDF) - Fairchild Semiconductor

74LVT16373 Datasheet PDF - Fairchild Semiconductor
Part # 74LVT16373
Download  74LVT16373 Download

File Size   98.13 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs

74LVT16373 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT16373 Datasheet PDF - Fairchild Semiconductor

Part # 74LVT16373
Download  74LVT16373 Click to download

File Size   98.13 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs

74LVT16373 Datasheet (HTML) - Fairchild Semiconductor

74LVT16373 Datasheet HTML 1Page - Fairchild Semiconductor 74LVT16373 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT16373 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT16373 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT16373 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT16373 Datasheet HTML 6Page - Fairchild Semiconductor 74LVT16373 Datasheet HTML 7Page - Fairchild Semiconductor 74LVT16373 Datasheet HTML 8Page - Fairchild Semiconductor

74LVT16373 Product details

General Description

The LVT16373 and LVTH16373 contain sixteen non-invert ing latches with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. The flip-flops appear transparent to the data when the Latch Enable (LE) is HIGH. When LE is LOW, the data that meets the setup time is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH, the outputs are in a high impedance state.

The LVTH16373 data inputs include bushold, eliminating the need for external pull-up resistors to hold unused inputs.



Features

■ Input and output interface capability to systems at 5V VCC

■ Bushold data inputs eliminate the need for external

   pull-up resistors to hold unused inputs (74LVTH16373),

   also available without bushold feature (74LVT16373)

■ Live insertion/extraction permitted

■ Power Up/Power Down high impedance provides glitch-free bus loading

■ Outputs source/sink -32 mA/+64 mA

■ Functionally compatible with the 74 series 16373

■ Latch-up performance exceeds 500 mA

■ ESD performance:

   Human-body model ! 2000V

   Machine model ! 200V

   Charged-device model ! 1000V

■ Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA) (Preliminary)



 




Similar Part No. - 74LVT16373

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16373 PHILIPS-74LVT16373 Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
ON Semiconductor
74LVT16373 ONSEMI-74LVT16373 Datasheet
206Kb / 10P
   Low Voltage 16-Bit Transparent Latch 3-STATE Outputs
Revised June 2005
logo
NXP Semiconductors
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16373A NEXPERIA-74LVT16373A Datasheet
228Kb / 13P
   3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
logo
NXP Semiconductors
74LVT16373ADGG PHILIPS-74LVT16373ADGG Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
More results


Similar Description - 74LVT16373

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVT16373 ONSEMI-74LVT16373 Datasheet
206Kb / 10P
   Low Voltage 16-Bit Transparent Latch 3-STATE Outputs
Revised June 2005
logo
Fairchild Semiconductor
74ACTQ16373 FAIRCHILD-74ACTQ16373 Datasheet
94Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACTQ16373 FAIRCHILD-74ACTQ16373_05 Datasheet
108Kb / 8P
   16-Bit Transparent Latch with 3-STATE Outputs
74ACT16373 FAIRCHILD-74ACT16373 Datasheet
88Kb / 6P
   16-Bit Transparent Latch with 3-STATE Outputs
74LVT32373 FAIRCHILD-74LVT32373 Datasheet
160Kb / 6P
   Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs (Preliminary)
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com