Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT322373 Datasheet (PDF) - Fairchild Semiconductor

74LVT322373 Datasheet PDF - Fairchild Semiconductor
Part # 74LVT322373
Download  74LVT322373 Download

File Size   161.08 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25??Series Resistors in the Outputs

74LVT322373 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT322373 Datasheet PDF - Fairchild Semiconductor

Part # 74LVT322373
Download  74LVT322373 Click to download

File Size   161.08 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25??Series Resistors in the Outputs

74LVT322373 Datasheet (HTML) - Fairchild Semiconductor

74LVT322373 Datasheet HTML 1Page - Fairchild Semiconductor 74LVT322373 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT322373 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT322373 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT322373 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT322373 Datasheet HTML 6Page - Fairchild Semiconductor

74LVT322373 Product details

General Description
The LVT322373 and LVTH322373 contain thirty-two noninverting latches with 3-STATE outputs and are intended for bus oriented applications. The device is byte controlled. The flip-flops appear transparent to the data when the Latch Enable (LE) is HIGH. When LE is LOW, the data that meets the setup time is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH, the outputs are in a high impedance state.
The LVTH322373 data inputs include bushold, eliminating the need for external pull-up resistors to hold unused inputs.

Features
■ Input and output interface capability to systems at 5V VCC
■ Bushold data inputs eliminate the need for external pull-up resistors to hold unused inputs (74LVTH322373), also available without bushold feature (74LVT322373)
■ Live insertion/extraction permitted
■ Power Up/Down high impedance provides glitch-free bus loading
■ Outputs include equivalent series resistance of 25Ω to make external termination resistors unnecessary and reduce overshoot and undershoot
■ ESD performance:
    Human-body model > 2000V
    Machine model > 200V
    Charged-device model > 1000V
■ Packaged in plastic Fine-Pitch Ball Grid Array (FBGA)




Similar Part No. - 74LVT322373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT322245 FAIRCHILD-74LVT322245 Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
74LVT322245G FAIRCHILD-74LVT322245G Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
74LVT32244 FAIRCHILD-74LVT32244 Datasheet
64Kb / 6P
   Low Voltage 32-Bit Buffer/Line Driver with 3-STATE Outputs (Preliminary)
74LVT32244GX FAIRCHILD-74LVT32244GX Datasheet
64Kb / 6P
   Low Voltage 32-Bit Buffer/Line Driver with 3-STATE Outputs (Preliminary)
74LVT32245 FAIRCHILD-74LVT32245 Datasheet
66Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs
More results


Similar Description - 74LVT322373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH162373 FAIRCHILD-74LVTH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVT32373 FAIRCHILD-74LVT32373 Datasheet
160Kb / 6P
   Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs (Preliminary)
74LVT322245 FAIRCHILD-74LVT322245 Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
74LVTH322374 FAIRCHILD-74LVTH322374 Datasheet
77Kb / 6P
   Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs (Preliminary)
74LVT16373 FAIRCHILD-74LVT16373 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVT16373 ONSEMI-74LVT16373 Datasheet
206Kb / 10P
   Low Voltage 16-Bit Transparent Latch 3-STATE Outputs
Revised June 2005
logo
Texas Instruments
SN74LVCH32373A TI-SN74LVCH32373A Datasheet
130Kb / 9P
[Old version datasheet]   32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC32373A TI-SN74LVC32373A Datasheet
248Kb / 11P
[Old version datasheet]   32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74LVTH162374 FAIRCHILD-74LVTH162374 Datasheet
98Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs
74LVT573 FAIRCHILD-74LVT573 Datasheet
107Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com