Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT374 Datasheet (PDF) - Fairchild Semiconductor

74LVT374 Datasheet PDF - Fairchild Semiconductor
Part # 74LVT374
Download  74LVT374 Download

File Size   69.59 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs

74LVT374 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT374 Datasheet PDF - Fairchild Semiconductor

Part # 74LVT374
Download  74LVT374 Click to download

File Size   69.59 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs

74LVT374 Datasheet (HTML) - Fairchild Semiconductor

74LVT374 Datasheet HTML 1Page - Fairchild Semiconductor 74LVT374 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT374 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT374 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT374 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT374 Datasheet HTML 6Page - Fairchild Semiconductor 74LVT374 Datasheet HTML 7Page - Fairchild Semiconductor 74LVT374 Datasheet HTML 8Page - Fairchild Semiconductor

74LVT374 Product details

General Description

The LVT374 and LVTH374 are high-speed, low-power octal D-type flip-flops featuring separate D-type inputs for each flip-flop and 3-STATE outputs for bus-oriented applications. A buffered Clock (CP) and Output Enable (OE) are common to all flip-flops.

The LVTH374 data inputs include bushold, eliminating the need for external pull-up resistors to hold unused inputs.



Features

■ Input and output interface capability to systems at 5V VCC

■ Bus-Hold data inputs eliminate the need for external pull-up resistors to hold unused inputs (74LVTH374), also available without bushold feature (74LVT374)

■ Live insertion/extraction permitted

■ Power Up/Down high impedance provides glitch-free bus loading

■ Outputs source/sink –32mA/+64mA

■ Functionally compatible with the 74 series 374

■ Latch-up performance exceeds 500mA

■ ESD performance:

   – Human-body model > 2000V

   – Machine model > 200V

   – Charged-device model > 1000V



 




Similar Part No. - 74LVT374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT374 PHILIPS-74LVT374 Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop; positive-edge trigger 3-State
1998 Feb 19
logo
Fairchild Semiconductor
74LVT374 FAIRCHILD-74LVT374 Datasheet
314Kb / 10P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
74LVT374D PHILIPS-74LVT374D Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop; positive-edge trigger 3-State
1998 Feb 19
74LVT374DB PHILIPS-74LVT374DB Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop; positive-edge trigger 3-State
1998 Feb 19
logo
ON Semiconductor
74LVT374MTC ONSEMI-74LVT374MTC Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
More results


Similar Description - 74LVT374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT574 FAIRCHILD-74LVT574 Datasheet
109Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT374 FAIRCHILD-74LVT374_08 Datasheet
314Kb / 10P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574_05 Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
93Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVQ374 FAIRCHILD-74LVQ374 Datasheet
103Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH374 ONSEMI-74LVTH374 Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ374 FAIRCHILD-74LVQ374_01 Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com