Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
74LVTH162373
(10)
74LVTH162374
(13)
74LVTH162373 - Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs - Fairchild Semiconductor
Click Here View
74LVTH162373
Datasheet
Part No.
74LVTH162373
Description
Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
Download
74LVTH162373
Click here
to View
File Size
86.33 Kbytes / 7 Pages
Maker
FAIRCHILD [Fairchild Semiconductor]
Homepage
http://www.fairchildsemi.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
74LCXH162244
Low
Voltage
16-Bit
Buffer/Line
Driver
with
Bushold
and
26§Ù
Series
Resistors
in
Outputs
Fairchild Semiconductor
74VCX162245
Low
Voltage
16-Bit
Bidirectional
Transceiver
with
3.6V
Tolerant
Inputs
and
Outputs
and
26ohm
Series
Resistors
in
A
Port
Outputs
Fairchild Semiconductor
74LCX162244
Low
Voltage
16-Bit
Buffer/Line
Driver
with
26ohm
Series
Resistors
in
Outputs
Fairchild Semiconductor
74LCX373
Low
Voltage
Octal
Transparent
Latch
with
5V
Tolerant
Inputs
and
Outputs
Fairchild Semiconductor
74VCX16374
Low
Voltage
16-Bit
D-Type
Flip-Flop
with
3.6V
Tolerant
Inputs
and
Outputs
Fairchild Semiconductor
74LCX16646
Low
Voltage
16-Bit
Transceiver/Register
with
5V
Tolerant
Inputs
and
Outputs
Fairchild Semiconductor
FXL2TD245
Low
Voltage
Dual
Supply
2-Bit
Signal
Translator
with
Configurable
Voltage
Supplies
and
Signal
Levels
3-STATE
Outputs
and
Independent
Fairchild Semiconductor
74LCXZ16244
Low
Voltage
16-Bit
Buffer/Line
Driver
with
5V
Tolerant
Inputs
and
Outputs
Fairchild Semiconductor
F74ALVC16245
Low
Voltage
16-Bit
Bidirectional
Transceiver
with
3.6V
Tolerant
Inputs
and
Outputs
Fairchild Semiconductor
74ALVC16240
Low
Voltage
16-Bit
Inverting
Buffer/Line
Driver
with
3.6V
Tolerant
Inputs
and
Outputs
Fairchild Semiconductor
Link URL :
Related keyword
74LVTH162373 Datasheet
74LVTH162373 Cross Reference
74LVTH162373 Schematic
74LVTH162373 Distributor
74LVTH162373 Datenblatt
74LVTH162373 RoHS
74LVTH162373 Equivalent
74LVTH162373 Application Notes
74LVTH162373 Data Sheet
74LVTH162373 components
74LVTH162373 Fiche Technique
74LVTH162373 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer